Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN901 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN901
Description  Electromagnetic compatibility
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN901 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN901 Datasheet HTML 6Page - STMicroelectronics AN901 Datasheet HTML 7Page - STMicroelectronics AN901 Datasheet HTML 8Page - STMicroelectronics AN901 Datasheet HTML 9Page - STMicroelectronics AN901 Datasheet HTML 10Page - STMicroelectronics AN901 Datasheet HTML 11Page - STMicroelectronics AN901 Datasheet HTML 12Page - STMicroelectronics AN901 Datasheet HTML 13Page - STMicroelectronics AN901 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
EMC GUIDELINES FOR MICROCONTROLLER-BASED APPLICATIONS
For air-discharge tests, the product is placed on a ground plane separated with 10 cm of insu-
lation.
Discharges are made on the ground plane.
A statistical method gives more reproducible results.
3.4.2.2 Fast Transients
This test consists of coupling these disturbances to the power supply or to the I/O of the MCU.
Fast transients are generated by switches or relays.
Fast transients are described in standard IEC.1000-4-4.
Figure 5. Disturbance Diagram
The spike frequency is 5 kHz. The generator produces bursts of spikes that last 15 ms every
300 ms.
The fast transients are coupled to the device under test (DUT) with capacitors CC. An attenu-
ator must be used because the burst generators are too powerful to be directly applied to the
components.
Figure 6. Coupling Network
The fast transients are coupled to the I/O with a small capacitor.
0.1
0.5
0.9
50ns
5ns
300 ns
3
100 ns
Cc
Cc
To Power Supply
Decoupling Network
Power Supply Network
To the DUT
mm
mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com