Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN987 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN987
Description  ST7 SERIAL TEST CONTROLLER PROGRAMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN987 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN987 Datasheet HTML 2Page - STMicroelectronics AN987 Datasheet HTML 3Page - STMicroelectronics AN987 Datasheet HTML 4Page - STMicroelectronics AN987 Datasheet HTML 5Page - STMicroelectronics AN987 Datasheet HTML 6Page - STMicroelectronics AN987 Datasheet HTML 7Page - STMicroelectronics AN987 Datasheet HTML 8Page - STMicroelectronics AN987 Datasheet HTML 9Page - STMicroelectronics AN987 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9/10
ST7 SERIAL TEST CONTROLLER PROGRAMMING
4.2 ST7 MDT2 EPB OR STARTER KIT
4.3 ST7 MDT4 EPB OR STARTER KIT
x = T, if the device is an OTP,
E, if the device is an EPROM,
N.C., means not connected.
ST7 Device
Pin Numbers
Sales type
EPROM
E2
RAM
Package
JTDI
PA7
JTCK
PA6
JTRST
PA5
JTMS
PA4
JTDO
PA3
M2
PB2
M1
PB1
M0
PB0
Vpp
Reset
Oscin
ST72x121J2
8K
-
384
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x121J4
16K
-
512
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x311J2
8K
-
384
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x311J4
16K
-
512
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x311N2
8K
-
384
TQFP64
SDIP56
52
40
51
39
50
38
49
37
46
34
7
55
6
54
5
53
53
41
54
42
59
45
ST72x311N4
16K
-
512
TQFP64
SDIP56
52
40
51
39
50
38
49
37
46
34
7
55
6
54
5
53
53
41
54
42
59
45
ST72x331J2
8K
256
384
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x331J4
16K
256
512
TQFP44
SDIP42
37
30
36
29
35
28
34
27
31
24
4
41
3
40
2
39
38
31
39
32
42
35
ST72x331N2
8K
256
384
TQFP64
SDIP56
52
40
51
39
50
38
49
37
46
34
7
55
6
54
5
53
53
41
54
42
59
45
ST72x331N4
16K
256
512
TQFP64
SDIP56
52
40
51
39
50
38
49
37
46
34
7
55
6
54
5
53
53
41
54
42
59
45
Programming tool W1 connector
5
1
9
3
7
12
10
8
16
4
2
ST7 Device
Pin Numbers
Sales type
EPROM E2
RAM
Package
JTDI
PA7
JTCK
PA6
JTRST
PA5
JTMS
PA4
JTDO
PC6
M2
DA3
M1
DA2
M0
DA1
Vpp Reset Oscin
Vdd
Vss
ST72x272K2
8K
-
384
SO34
SDIP32
29
27
30
28
31
29
32
30
25
24
3
3
2
2
1
1
34
32
33
31
28
26
8
8
7
7
ST72x272K2
16K
-
512
SO34
SDIP32
29
27
30
28
31
29
32
30
25
24
3
3
2
2
1
1
34
32
33
31
28
26
8
8
7
7
ST72x371N4
16K
-
512
TQFP64
SDIP56
28
46
29
47
30
48
31
49
20
38
43
3
42
2
41
1
40
56
38
54
27
45
11
31
9
29
ST72x372J4
16K
-
512
SDIP42
34
35
36
37
31
2
1
42
41
40
33
25
23
ST72x671N4
16K
-
512
TQFP64
SDIP56
28
46
29
47
30
48
31
49
20
38
43
3
42
2
41
1
40
56
38
54
27
45
11
31
9
29
ST72x671N6
32K
-
1K
TQFP64
SDIP56
28
46
29
47
30
48
31
49
20
38
43
3
42
2
41
1
40
56
38
54
27
45
11
31
9
29
Programming tool W1 connector
5
1
9
3
7
12
10
8
16
4
2
N.C
15



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com