Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN987 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN987
Description  ST7 SERIAL TEST CONTROLLER PROGRAMMING
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN987 Datasheet(HTML) 2 Page - STMicroelectronics

  AN987 Datasheet HTML 1Page - STMicroelectronics AN987 Datasheet HTML 2Page - STMicroelectronics AN987 Datasheet HTML 3Page - STMicroelectronics AN987 Datasheet HTML 4Page - STMicroelectronics AN987 Datasheet HTML 5Page - STMicroelectronics AN987 Datasheet HTML 6Page - STMicroelectronics AN987 Datasheet HTML 7Page - STMicroelectronics AN987 Datasheet HTML 8Page - STMicroelectronics AN987 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2/10
ST7 SERIAL TEST CONTROLLER PROGRAMMING
2 SERIAL TEST CONTROLLER PROGRAMMING
2.1 ADVANTAGES
The advantages of STCP are numerous:
s
Time to market
To reduce manufacturing cycle times, a user board can be designed to be generic,
supporting several functions. These functions can be enabled or disabled by software
according to customer requirements. In this case, STCP allows application boards to be
manufactured in one shot and programmed with different functions according to customer
needs and orders.
s
Cost reduction
Software updates may be necessary in some cases because of a bug correction or a newly
implemented feature. The STCP is a flexible and painless way of performing such
modifications and at a lower cost. There is no need to add any sockets to the board or to
unsolder and change components in order to upgrade the application.
s
Security
Because STCP offers an easy way to customise the user’s program, or part of it, it can be
used to insert different key codes for each board. This could be used, for example, in a door
lock system.
s
Flexibility
For example, STCP can be used to allow calibration procedures to be performed directly in
the field.
2.2 USER BOARD SPECIFICATION
The user has to design his layout in order to support two modes: programming mode and user
mode.
Figure 1. shows the user board divided into two blocks:
s
Block 1:
Includes all the components that play a role during programming mode:
– Connector J1, which links the user board to the programming tool.
– The ST72 MCU, which is the device to be programmed.
– Jumpers W1 to Wn, whose purpose is to isolate the pins used for programming the ST72
from the other components in Block 2. In some application configurations, isolation resis-
tors (47 k
Ω) can be used instead of jumpers.
s
Block 2:
This block consists of all the other components soldered on the user board.
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com