Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT3636VR Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # APSINT3636VR
Description  PowerVerter APS INT 3600W 36VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT3636VR Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  APSINT3636VR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Transfer Time (Line Power to
Battery Mode)
20 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer time
compatibility of loads for UPS applications)
Low Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 144V (user adjustable to 163,
182V - see manual)
High Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 259V (user adjustable to
264 - see manual)
SPECIAL FEATURES
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level, up to 150 watts.
Remote Control Capability
Yes
WARRANTY
Product Warranty Period (U.S. &
Canada)
1-year limited warranty
Product Warranty Period
(International)
2-year limited warranty
Product Warranty Period (Mexico)
2-year limited warranty
Product Warranty Period (Puerto
Rico)
1-year limited warranty
© 2015 Tripp Lite. All rights reserved. All product and company names are trademarks or registered trademarks of their respective holders. Use of them does
not imply any affiliation with or endorsement by them. Tripp Lite has a policy of continuous improvement. Specifications are subject to change without notice.
Tripp Lite uses primary and third-party agencies to test its products for compliance with standards. See a list of Tripp Lite's testing agencies:
http://www.tripplite.com/products/product-certification-agencies
4 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com