Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT3636VR Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSINT3636VR
Description  PowerVerter APS INT 3600W 36VDC 230V
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT3636VR Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSINT3636VR Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT3636VR Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OverPower inverter output supports longer duration overloads to 150% for 1-60 minutes under ideal battery and temperature conditions.
3-stage, selectable wet/dry cell battery charger (30-amp high/7.5-amp low)
3-position operating mode switch supports "AUTO" mode to enable automatic transfer between DC and AC modes, CHARGE-ONLY to maintain a full
battery charge when AC is present without auto transfer and SYSTEM OFF settings
Set of six front panel LEDs display AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault status
Set of 4 configuration dipswitches support wet/gel battery charging profiles, adjustable 259/264V high voltage auto transfer during overvoltages and
selectable 144/163/182/201V AC low voltage auto transfer during brownouts
Set of 4 additional configuration dip switches support 4 levels of charger limiting relative to output load size
Resettable 10A charger AC input breaker and resettable 15A AC output breaker and automatic 2 speed cooling fan protect the inverter from load and
temperature related failures
Automatic overload and thermal shutoff safely turns off inverter as excessive loads or overheating conditions develop
Front panel remote control connector enables remote off/on switching (requires APSRM4 switch accessory)
Specifications
OUTPUT
Frequency Compatibility
50 Hz
Output Receptacles
Hardwire
Output (Watts)
3600
Continuous Output Capacity (Watts)
3600
Peak Output Capacity (Watts)
7200
Output Nominal Voltage
230V
Output Voltage Regulation
LINE POWER (AC): Maintains 230V nominal sine wave output from line power source. INVERTER POWER (AC):
Maintains PWM sine wave output voltage of 230 VAC (+/-5%).
Output Frequency Regulation
50 Hz (+/- 0.3 Hz)
Overload Protection
Includes 12A input breaker dedicated to the charging system and 20A output breaker for AC output loads.
Pure Sine Wave Output
No
INPUT
Nominal Input Voltage(s) Supported
230V AC
Recommended Electrical Service
DC INPUT: Requires 36VDC input source capable of delivering 114A for the required duration (when used at full
continuous capacity - DC requirements increase during OverPower and DoubleBoost operation). For automotive
applications, professional hardwire installation with 300A minimum battery system fusing is recommended.
Maximum Input Amps / Watts
DC INPUT: Full continuous load - 114A at 36VDC. AC INPUT: 26 amps at 230VAC with full inverter and charger
load (10.4A max charger-only / combined input load to support charger and AC output is automatically controllable
to 66%-33%-0% based on AC output loading using the charger limiting set points - see manual for setting
instructions)
Input Connection Type
DC INPUT: Set of DC bolt-down terminals. AC INPUT: Hardwire via built in junction box with cover plate
Voltage Compatibility (VAC)
230
Voltage Compatibility (VDC)
36
2 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com