Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1048D Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1048D
Description  ST7 software LCD driver
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1048D Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1048D Datasheet HTML 7Page - STMicroelectronics AN1048D Datasheet HTML 8Page - STMicroelectronics AN1048D Datasheet HTML 9Page - STMicroelectronics AN1048D Datasheet HTML 10Page - STMicroelectronics AN1048D Datasheet HTML 11Page - STMicroelectronics AN1048D Datasheet HTML 12Page - STMicroelectronics AN1048D Datasheet HTML 13Page - STMicroelectronics AN1048D Datasheet HTML 14Page - STMicroelectronics AN1048D Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
AN1048
Example of a quadruplex LCD with ST72F321B
11/21
3
Example of a quadruplex LCD with ST72F321B
The following example describes a drive for a quadruplex mode (4COM) LCD using the
ST72F321B (TQFP64 pin package 10 x 10). Refer to Figure 8. The only external
components needed for driving the LCD are eight resistors. The resistor value of 56K is
used to reduce the DC voltage on the LCD(~7.5 mV). This value can be further decreased
to get the better DC voltage on the LCD but this will result in an increase of the current
consumption. One I/O port per segment and one I/O port for each COM line are needed to
drive the LCD. For example: To drive a quadruplex LCD that has 128 segments (with 32
segment lines and 4 COM lines) requires only a total of 36 I/O ports.
In the example program, the Port PA0-A5, PB0-B7, PD0-D7, PF7-F0, PE7-E6 pins are
connected to the 32 segment lines and are used to generate the segment signals. Ports
PC3...PC0 are connected to the 4 COM lines and used to generate the COM signals. The
LCD driver consists of two initialization routines (port init, timer init) and a TimerA interrupt
routine “timer_rt”. To activate the LCD, these two initialization routines have to be called.
After these routines are called, the ST7 gets the timer Output Compare 1 & Output Compare
2 interrupts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com