Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1051 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN1051
Description  This application note explains how to use the VIPER20
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1051 Datasheet(HTML) 7 Page - STMicroelectronics

  AN1051 Datasheet HTML 1Page - STMicroelectronics AN1051 Datasheet HTML 2Page - STMicroelectronics AN1051 Datasheet HTML 3Page - STMicroelectronics AN1051 Datasheet HTML 4Page - STMicroelectronics AN1051 Datasheet HTML 5Page - STMicroelectronics AN1051 Datasheet HTML 6Page - STMicroelectronics AN1051 Datasheet HTML 7Page - STMicroelectronics AN1051 Datasheet HTML 8Page - STMicroelectronics AN1051 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
PROTECTION/SAFETY FEATURES :
The
µController is checking the charging process in several ways so as to make sure that the battery is
kept into safe operating conditions.
.
Temperature is measured via resistor bridge R21 and R22 (where R22 is an NTC) and PB6 config-
ured in A/D input. According to Li-Ion manufacturers information the cells should be charged only
when the temperature is between 0 and 45 °C. Thus when the temperature reaches outside this safe
operating range, the charging process is kept in standby (charge timings held, Power MOSFETs off
thus stopping the charge current, and user is warned of this condition by corresponding LED turning
orange). When the temperature is back to normal, charging process is resumed.
.
The 0 and 45 degrees threshold level have a programmable software hysteresis to prevent the
charger from oscillating form Temperature protection to Normal mode.
.
Open battery condition is detected using current measurement through PB7. If no current is flowing
for more than a programmable current establishment delay after the charge has started the battery
will be rejected, the charge terminated and the user warned of this condition by the corresponding
LED blinking orange.
.
Bad voltage battery condition : the
µController is continuously monitoring the voltage of the batteries.
According to the battery manufacturers specifications, and depending on the voltage, the actions of
the charger are summarized in Table 4.
Table 4 : CHARGER STATE AS A FUNCTION OF BATTERY VOLTAGE
Voltage
State
Action
Condition
0 - 1.5V
Pack protection circuitry active
Trickle charge
V > 1.5V within 1 second
1.5 - 2.7V
Very low
Trickle charge
V > 2.7V within 30 minutes
2.7 - 4.1/4.2V
Normal
Standard charge
V > 3.9V when battery is full
4.4V and over
Overvoltage
Stop charge
-
The Condition Column shows what the result of the
action must be for the charger to proceed with the
charging. In case this condition is not fulfilled, the
battery will be rejected, the charge terminated and
the user warned of this condition by the corre-
sponding LED blinking orange.
FULL BATTERY DETECTION :
This is made either by detecting a low current
flowing through the battery or by an overtime con-
dition (maximum time after standard charge has
been started). A minimum voltage of 3.9 volt must
be reached at that time or the battery will be re-
jected, and the user warned of this condition by the
corresponding LED blinking orange.
3 - CALCULATION OF THE ELEMENTS
All the components values have been chosen for a
two-Lithium-Ion batteries charge application:
PWM Frequency and Maximum swithching ra-
tio of the VIPER20 :
R02 > 1.2k
Ω
Fsw = 2.3 Dmax / (R02 x C06)
Dmax = 1 - 550 / (R02 - 150)
recommended Dmax values are :
100kHz : Dmax > 80%
200kHz : Dmax > 70%
R02 = 4.7k
Ω
C06 = 4.7nF
Dmax = 87.9%
Fsw = 91.5kHz
5V line power supply for TSM102A &
ST62T25C :
Vout = Vref ( 1 + R2 / R3 )
R2 = R3 = 10k
Ω
C1 = C2 = 10
µF
R1 = 1.5k
Ω
Voltage Control :
.
Vbatt = 4.100V
Vref = Vbatt x R6 / ( R6 + R4 )
With R6 = 100k
Ω, R4 = 64kΩ
AN1051 - APPLICATION NOTE
7/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com