Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1051 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN1051
Description  This application note explains how to use the VIPER20
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1051 Datasheet(HTML) 3 Page - STMicroelectronics

  AN1051 Datasheet HTML 1Page - STMicroelectronics AN1051 Datasheet HTML 2Page - STMicroelectronics AN1051 Datasheet HTML 3Page - STMicroelectronics AN1051 Datasheet HTML 4Page - STMicroelectronics AN1051 Datasheet HTML 5Page - STMicroelectronics AN1051 Datasheet HTML 6Page - STMicroelectronics AN1051 Datasheet HTML 7Page - STMicroelectronics AN1051 Datasheet HTML 8Page - STMicroelectronics AN1051 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Figure 3a : Primary Side of Battery Charger
Figure 3a and 3b show the primary and the secondary sides of the battery charger (SMPS type, primary
and secondary sides) where the VIPER20, the ST62T25C and TSM102A are combined to ensure safe
charging of two Li-Ion battery cells in parallel (main and spare batteries).
The Viper20 ensures with a very low component count the energy transfer from the off-line primary side
to the secondary side thanks to its PWM ability ( with externally adjustable frequency of operation) and
integrated high voltage avalanche-rugged vertical MOSFET.
The ST62T25C
µController is used to :
• recognize the Li-Ion battery type (4.1V or 4.2V and capacity)
• manage the charging of the two different cells in parallel thanks to the proper command of two power
switches
• prevent the battery charging in case of overtemperature or undertemperature
• drive adequate LEDs for convenient visual information
The TSM102A can ensure all analog interfacing between the batteries and the
µP by
• controlling current and voltage with adequate feedback via the optocoupler to the primary side
• offering highly precise voltage reference for all measurements
• amplifying the current signal through the sense resistor to be monitored by the µController
• providing a low cost solution for 5V power supply of the MCU
AN1051 - APPLICATION NOTE
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com