Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1131 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN1131
Description  This application note provides information
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1131 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN1131 Datasheet HTML 6Page - STMicroelectronics AN1131 Datasheet HTML 7Page - STMicroelectronics AN1131 Datasheet HTML 8Page - STMicroelectronics AN1131 Datasheet HTML 9Page - STMicroelectronics AN1131 Datasheet HTML 10Page - STMicroelectronics AN1131 Datasheet HTML 11Page - STMicroelectronics AN1131 Datasheet HTML 12Page - STMicroelectronics AN1131 Datasheet HTML 13Page - STMicroelectronics AN1131 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10/17
MIGRATING APPLICATIONS FROM ST72511/311/314/124 TO ST72521/321/324
4.5 CAN CLOCK
In the ST72511 the CAN is directly clocked by fOSC2, hence not modified in slow mode. In the
ST72521 the CAN clock is fCPU like for all other peripherals. This means that in slow mode the
CAN clock is also divided leading to a slower baudrate. Therefore in slow mode the bit timing
must be adjusted or the CAN cell must be put in sleep mode.
5 REGISTER MAP
In the ST72521/321R, 321/324J, some register addresses and bit locations are changed.
These changes have made it possible to use the free locations to add new features.
Note: For easy software migration, two general rules have to be followed:
n
All “reserved” byte memory areas must never be “read” or “write”.
n
All “reserved” or “unused” bits must be left unchanged when accessing the byte.
5.1 REGISTER ADDRESS
These changes are classified in four groups:
1. I/O port register addresses changed
2. Miscellaneous registers changed (see Section 5.2 for more details)
3. MCCSR register address moved
4. ADC registers swapped
Note: These register address changes can be easily performed if you group all the register
definitions in a single header file.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com