Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1131 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN1131
Description  This application note provides information
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1131 Datasheet(HTML) 4 Page - STMicroelectronics

  AN1131 Datasheet HTML 1Page - STMicroelectronics AN1131 Datasheet HTML 2Page - STMicroelectronics AN1131 Datasheet HTML 3Page - STMicroelectronics AN1131 Datasheet HTML 4Page - STMicroelectronics AN1131 Datasheet HTML 5Page - STMicroelectronics AN1131 Datasheet HTML 6Page - STMicroelectronics AN1131 Datasheet HTML 7Page - STMicroelectronics AN1131 Datasheet HTML 8Page - STMicroelectronics AN1131 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4/17
MIGRATING APPLICATIONS FROM ST72511/311/314/124 TO ST72521/321/324
2 FEATURE OVERVIEW
Table 2. 64-Pin Package Migration
Feature
ST72314N
ST72311R
ST72511R
ST72321R
ST72521R
Package
64-pin (no change)
Program Memory
CFlash/ROM
EPROM/OTP/ROM
HDFlash/ROM
Operating
Supply
3.0V to 5.5V
3.8V to 5.5V with fCPU = 8MHz
3.0 to 3.6V with fCPU max = 4MHz
Register Map
128 bytes
128 bytes (minor changes)
RESET
Transistor based pull-up
CMOS VIL and VIH
Real pull-up resistor
VIL=0.16.VDD and VIH=0.85.VDD
I/Os
44
48 (no change)
Slow Mode
Yes
Yes
(minor programming difference)
Active-HALT
4096 tCPU delay on wake-up
no delay on wake-up
Main Clock Out
fOSC/2
fCPU
Watchdog
Yes
Yes (minor timing change)
16-bit Timer
Yes
Yes (minor change in PWM
and One Pulse modes)
ART-PWM Timer
No
Yes (no change)
SPI
Yes
Yes (control bits moved from
Miscellaneous register to SPI
register)
SCI
Yes
Yes (baudrate increased,
prescaler enhanced)
I2C
No
Yes (upward compatible)
ADC
8-bit
10-bit (upward compatible)
CAN
No
Yes
No
Yes (no change)
LVD
3 Levels
(4.5V/4V/3.5V)
1 Level
(4.5V)
3 Levels
(4.5V/4V/3.5V)
CSS
Yes (fixed
frequency)
No
Yes (adapted frequency)
Emulator
ST7MDT2-EMU2B and ST7MTD2-DVP2
ST7MDT20M-EMU3 and
ST7MDT20-DVP2 (planned)
Prog. tools
ST7MDT2-EPB2
ST7MDT20M-EPB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com