Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1602 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN1602
Description  16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1602 Datasheet(HTML) 1 Page - STMicroelectronics

  AN1602 Datasheet HTML 1Page - STMicroelectronics AN1602 Datasheet HTML 2Page - STMicroelectronics AN1602 Datasheet HTML 3Page - STMicroelectronics AN1602 Datasheet HTML 4Page - STMicroelectronics AN1602 Datasheet HTML 5Page - STMicroelectronics AN1602 Datasheet HTML 6Page - STMicroelectronics AN1602 Datasheet HTML 7Page - STMicroelectronics AN1602 Datasheet HTML 8Page - STMicroelectronics AN1602 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
AN1602/0503
1/21
AN1602
APPLICATION NOTE
16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B
MCUs
Microcontroller Division Applications
INTRODUCTION
This Application Note describes how to use the ST7262 or ST7263B for 16-bit timing opera-
tions. The intention of this document is to show how to perform pulse measurement and PWM
generation using the different timers available on each microcontroller type.
1 16-BIT TIMING MEASUREMENTS
1.1 USING ST7262
The aim of this section is to describe how to use the ST7262 8-bit timer to perform pulse and
frequency measurements with 16-bit accuracy.
1.1.1 16-Bit Capture
1.1.1.1 Principle
The ST7262 architecture allows you to cascade the 8-bit Auto Reload Timer (ART) with the 8-
bit Time Base Unit (TBU) to obtain a 16-bit counter (The carry bit of the ART acts as the clock
for the TBU). Using this configuration, the ARTCAR register represents the Least Significant
Byte and the TBUCV register represents the Most Significant Byte (see Figure 1).
Figure 1. TBU+ART 16-Bit Counter Value
On each valid input capture, the 16-bit counter value is obtained by:
– The ARTCAR register which is automatically latched.
– The TBUCV register which is saved by software in the Input Capture Interrupt routine.
This method ensures a “real-time” capture of the low bits, while the software delay needed to
save the TBUCV can be compensated.
16 Bit Counter Value
TBU (MSB)
ART (LSB)
1


Similar Part No. - AN1602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1603 STMICROELECTRONICS-AN1603 Datasheet
100Kb / 21P
This Application Note describes
logo
Arista Networks, Inc
AN1604 ARISTA-AN1604 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
logo
STMicroelectronics
AN1605 STMICROELECTRONICS-AN1605 Datasheet
93Kb / 7P
USING AN ACTIVE RC TO WAKEUP THE ST7LITE0 FROM POWER SAVING MODE
AN1606 STMICROELECTRONICS-AN1606 Datasheet
288Kb / 18P
This application features the L4981 PFC controller
Nov-2002
logo
Arista Networks, Inc
AN1606 ARISTA-AN1606 Datasheet
4Mb / 44P
7020 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - AN1602

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PSD4135G2 STMICROELECTRONICS-PSD4135G2 Datasheet
503Kb / 93P
Flash In-System-Programmable Peripherals for 16-Bit MCUs
31-Jan-2002
logo
Freescale Semiconductor...
68HC05JB3 FREESCALE-68HC05JB3 Datasheet
1Mb / 134P
8-bit microcontroller units (MCUs)
logo
OKI electronic componet...
MR27V1652E OKI-MR27V1652E Datasheet
151Kb / 15P
1,048,576 - Word x 16-Bit or 2,097-Word x 8-Bit 8-Word x 16-Bit or 16-Word x 8-bit 8-Word x 16-Bit or 16-Word x 8-Bit Page Mode One Time PROM
logo
Motorola, Inc
MC6800 MOTOROLA-MC6800 Datasheet
633Kb / 6P
8-BIT MPUS, 8-BIT MCUS, 8-BIT PERIPHERALS
logo
STMicroelectronics
PSD4256G6V STMICROELECTRONICS-PSD4256G6V Datasheet
756Kb / 100P
Flash In-System Programmable (ISP) Peripherals for 16-bit MCUs
06-Dec-2002
logo
fujitsu semiconductor
MB9BF504RPMC FUJITSU-MB9BF504RPMC Datasheet
784Kb / 4P
Family of 32-bit MCUs
logo
Tyco Electronics
V23040 MACOM-V23040 Datasheet
906Kb / 7P
For DC Operations, Polarised, Monostable or Bistable
V23040-A00001-B201 MACOM-V23040-A00001-B201 Datasheet
906Kb / 7P
For DC operations, polarised, monostable or bistable
V23040-A0002-B201 MACOM-V23040-A0002-B201 Datasheet
906Kb / 7P
FOR DC OPERATIONS, POLARISED,MONOSTABLE OR BISTABLE
logo
ETA-USA
AOPS-300 ETA-USA-AOPS-300 Datasheet
2Mb / 5P
300W Power Supply Parallel or Series Operations available
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com