Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1602 Datasheet(PDF) 14 Page - STMicroelectronics

Part # AN1602
Description  16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1602 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button AN1602 Datasheet HTML 10Page - STMicroelectronics AN1602 Datasheet HTML 11Page - STMicroelectronics AN1602 Datasheet HTML 12Page - STMicroelectronics AN1602 Datasheet HTML 13Page - STMicroelectronics AN1602 Datasheet HTML 14Page - STMicroelectronics AN1602 Datasheet HTML 15Page - STMicroelectronics AN1602 Datasheet HTML 16Page - STMicroelectronics AN1602 Datasheet HTML 17Page - STMicroelectronics AN1602 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
14/21
16-BIT TIMING OPERATIONS USING ST7262 OR ST7263B MCUs
Table 2. Time measurement range using ST7263B
1.3.2.2 Minimum Period
In the case of ST7263B, on each valid input capture, the 16-bit counter value is latched auto-
matically into the 16-bit input capture registers (TICxHR & TICxLR) without any additional soft-
ware routine. So compared to the ST7262, the ST7263B needs less time to store the input
capture parameters into temporary variables.
Using the same method as for the ST7262 (see Figure 13):
2T > T0+T1+T0+T2+T3
And with the following parameters:
T0= 12 tCPU (10 tCPU for the interrupt activation and 2 tCPU the maximum time needed to syn-
chronise the interrupt flag with the internal CPU frequency).
T1= 26 tCPU
T2=9 tCPU
T3 = 23 tCPU (from the start of the interrupt routine until the interrupt flag is cleared).
Using the above values based on the software example:
T0 = 12, T1 = 26 tCPU, T2 = 9 tCPU, T3 = 23 tCPU
2 T > T0+T1+T0+T2+T3
2 T > (12 + 26 + 12 + 9 + 23) * tCPU
> 82 * 0.125 µs
> 10.25 µs
So we can calculate the minimum period Tmin = 5.125 µs.
1.3.2.3 Period Measurement Comparison Chart
The following table can be used to select the best prescaler value for a precise time or fre-
quency measurement with the appropriate resolution.
Prescalers
Timer Frequency
Maxi Period
Resolution = 1 tCLK
2
4 MHz
16,384 ms
0.250 µs
4
2 MHz
32,767 ms
0.500 µs
8
1 MHz
65,535 ms
1 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com