Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3465 Datasheet(PDF) 13 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology LT3465 Datasheet HTML 10Page - Linear Technology LT3465 Datasheet HTML 11Page - Linear Technology LT3465 Datasheet HTML 12Page - Linear Technology LT3465 Datasheet HTML 13Page - Linear Technology LT3465 Datasheet HTML 14Page - Linear Technology LT3465 Datasheet HTML 15Page - Linear Technology LT3465 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3465/LT3465A
13
3465afa
TYPICAL APPLICATIO S
Li-Ion to Two White LEDs
SW
VOUT
VIN
LT3465/
LT3465A
CTRL
3465A TA01a
R1
4
Ω
CIN
1
µF
COUT
1
µF
CIN: TAIYO YUDEN JMK107BJ105
COUT: AVX 0603ZD105
L1: MURATA LQH32CN220
L1
22
µH
3V TO 5V
FB
GND
LED CURRENT (mA)
0
75
80
85
40
3465A TA01b
70
65
60
55
50
10
20
30
50
VIN = 3.6V
2 LEDs
LT3465
LT3465A
SW
VOUT
VIN
LT3465/
LT3465A
CTRL
3465A TA02a
R1
10
Ω
CIN
1
µF
COUT
0.22
µF
L1
22
µH
3V TO 5V
FB
GND
CIN: TAIYO YUDEN JMK107BJ105
COUT: AVX 0603YD224
L1: MURATA LQH32CN220
Li-Ion to Three White LEDs
LED CURRENT (mA)
0
75
80
85
3465A TA02b
70
65
60
55
50
5
10
15
20
VIN = 3.6V
3 LEDs
LT3465
LT3465A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com