Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3465 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3465
Description  1.2MHz/2.4MHz White LED Drivers with Built-in Schottky in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3465 Datasheet(HTML) 3 Page - Linear Technology

  LT3465 Datasheet HTML 1Page - Linear Technology LT3465 Datasheet HTML 2Page - Linear Technology LT3465 Datasheet HTML 3Page - Linear Technology LT3465 Datasheet HTML 4Page - Linear Technology LT3465 Datasheet HTML 5Page - Linear Technology LT3465 Datasheet HTML 6Page - Linear Technology LT3465 Datasheet HTML 7Page - Linear Technology LT3465 Datasheet HTML 8Page - Linear Technology LT3465 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3465/LT3465A
3
3465afa
SCHOTTKY FORWARD DROP (mV)
0
0
50
100
150
200
300
200
400
600
800
3465A G02
1000
1200
250
TA = 25°C
TYPICAL PERFOR A CE CHARACTERISTICS
Switch Saturation Voltage (VCESAT)
Schottky Forward Voltage Drop
Shutdown Quiescent Current
(CTRL = 0V)
SWITCH CURRENT (mA)
0
0
50
150
200
250
200
450
3465A G01
100
100
50
250
300
150
350
300
350
400
TA = 25°C
VIN (V)
2
12
15
18
8
14
3465A G03
9
6
3
0
4
6
10
12
21
24
27
30
16
TA = 25°C
VFB vs VCTRL
Open-Circuit Output Clamp Voltage
CONTROL VOLTAGE (V)
0
100
150
2
3465A G04
50
0
0.5
1
1.5
250
200
TA = 25°C
INPUT VOLTAGE (V)
2
20
25
35
812
3465A G05
15
10
46
10
14
16
5
0
30
TA = 25°C
Input Current in Output Open Circuit
Switching Waveforms (LT3465)
INPUT VOLTAGE (V)
2
2.5
0
2
5
3
4
4.5
3465A G06
1
4
3
3.5
5
TA = 25°C
VSW
10V/DIV
IL
100mA/DIV
VOUT
100mV/DIV
VIN = 3.6V
200ns/DIV
3465A G07a
4 LEDs
20mA, 22
µH
TEMPERATURE (
°C)
–50
4365A G08
0
50
100
3.0
2.5
2.0
1.5
1.0
0.5
0
LT3465
LT3465A
Switching Frequency
Switching Waveforms (LT3465A)
VSW
10V/DIV
IL
50mA/DIV
VOUT
50mV/DIV
VIN = 3.6V
100ns/DIV
3465A G07b
4 LEDs
20mA, 22
µH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com