Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3595 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 2 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3595
2
3595f
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)....................................................45V
L1-16 Voltage ...........................................................45V
Supply Voltage (VCC) ..................................................6V
RSET, ⎯O⎯P⎯E⎯N⎯L⎯E⎯D , PWM1-16, ⎯S⎯H⎯D⎯N Voltage ...............6V
Operating Junction Temperature Range
(Note 2) ...............................................–40°C to 85°C
Maximum Junction Temperature .......................... 125°C
Storage Temperature Range...................–65°C to 125°C
(Note 1)
19 20 21 22
TOP VIEW
57
UHH PACKAGE
56-LEAD (5mm
× 9mm) PLASTIC QFN
23 24 25 26 27 28
56 55 54 53 52 51 50 49 48 47
39
40
41
42
43
44
45
46
8
7
6
5
4
3
2
1
L16
SW16
L15
SW15
VIN
SW14
L14
SW13
L13
L12
SW12
L11
SW11
VIN
SW10
L10
SW9
L9
L1
SW1
L2
SW2
NC
SW3
L3
SW4
L4
L5
SW5
L6
SW6
NC
SW7
L7
SW8
L8
38
37
36
35
34
33
32
31
30
29
9
10
11
12
13
14
15
16
17
18
TJMAX = 125°C, θJA = 31°C/W, θJC = 0.5°C/W
EXPOSED PAD (PIN 57) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3595EUHH#PBF
LT3595EUHH#TRPBF
3595
56-Lead (5mm × 9mm) Plastic QFN
–40°C to 85°C
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com