Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3595 Datasheet(PDF) 3 Page - Linear Technology

Part # LT3595
Description  16 Channel Buck Mode LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3595 Datasheet(HTML) 3 Page - Linear Technology

  LT3595 Datasheet HTML 1Page - Linear Technology LT3595 Datasheet HTML 2Page - Linear Technology LT3595 Datasheet HTML 3Page - Linear Technology LT3595 Datasheet HTML 4Page - Linear Technology LT3595 Datasheet HTML 5Page - Linear Technology LT3595 Datasheet HTML 6Page - Linear Technology LT3595 Datasheet HTML 7Page - Linear Technology LT3595 Datasheet HTML 8Page - Linear Technology LT3595 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LT3595
3
3595f
ELECTRICAL CHARACTERISTICS
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage
4.5
V
VCC Operating Voltage
3
5.5
V
VCC Input Under Voltage Lockout
2.6
2.9
V
IVIN Quiescent Current ON, No Switching
VIN = 45V
0.25
mA
IVIN Quiescent Current in Shutdown
VIN = 45V, ⎯S⎯H⎯D⎯N = 0V
15
40
μA
IVCC Quiescent Current ON, No Switching
VCC = 3.3V
17
mA
IVCC Quiescent Current in Shutdown
VCC = 3.3V, ⎯S⎯H⎯D⎯N = 0V
3
10
μA
IL1-16 Output Current Accuracy
RSET = 75.0kΩ
18.4
20
21.6
mA
Switching Frequency
1.622.4
MHz
Maximum Duty Cycle
●
78
83
%
Switch Current Limit
●
90
120
150
mA
Switch VCESAT
ISW1-16 = 50mA
450
mV
Switch Leakage Current
VSW1-16 = 45V
0.1
6
μA
Schottky Forward Drop
ISCHOTTKY = 50mA
0.8
V
Schottky Leakage Current
VIN = 45V, VSW1-16 = 0.7V, ⎯S⎯H⎯D⎯N = 0V
0.1
4
μA
⎯S⎯H⎯D⎯N, PWM1-16 Input Low Voltage
0.4
V
⎯S⎯H⎯D⎯N, PWM1-16 Input High Voltage
1.6
V
⎯S⎯H⎯D⎯N Pin Bias Current
⎯S⎯H⎯D⎯N = 3.3V
35
μA
PWM1-16 Pin Bias Current
PWM1-16 = 3.3V
0.1
1
μA
⎯O⎯P⎯E⎯N⎯L⎯E⎯D Pin Voltage
VCC = 3.3V, I⎯O⎯P⎯E⎯N⎯L⎯E⎯D = 200μA
0.12
V
⎯O⎯P⎯E⎯N⎯L⎯E⎯D Pin Input Leakage Current
⎯O⎯P⎯E⎯N⎯L⎯E⎯D = 3.3V
0.1
1
μA
The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, VIN = 45V, VCC = 3.3V, PWM = ⎯S⎯H⎯D⎯N = ⎯O⎯P⎯E⎯N⎯L⎯E⎯D = 3.3V, RSET = 75kΩ,
GND = 0V, unless otherwise noted.
Note 2: The LT3595 is guaranteed to meet performance specifications
from 0°C to 85°C junction temperature. Specifications over the –40°C
to 85°C operating junction temperature range are assured by design,
characterization and correlation with statistical process controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com