Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3025 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 2 Page - Linear Technology

  LTC3025 Datasheet HTML 1Page - Linear Technology LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3025
2
3025fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VBIAS, VIN to GND......................................... –0.3V to 6V
SHDN to GND............................................... –0.3V to 6V
ADJ to GND.................................................. –0.3V to 6V
VOUT........................................–0.3V to VIN + 0.3V or 6V
Operating Junction Temperature Range
(Note 3).................................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 125°C
Output Short-Circuit Duration .......................... Indefinite
(Notes 1, 2)
TOP VIEW
7
DC6 PACKAGE
6-LEAD (2mm
2mm) PLASTIC DFN
4
5
6
3
2
1
BIAS
GND
IN
SHDN
ADJ
OUT
TJMAX = 125°C, θJA = 102°C/W, θJC = 20°C/W
EXPOSED PAD (PIN 7) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3025EDC#PBF
LTC3025EDC#TRPBF
LBDY
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC#PBF
LTC3025IDC#TRPBF
LBDY
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LEAD BASED FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3025EDC
LTC3025EDC#TR
LBDY
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
LTC3025IDC
LTC3025IDC#TR
LBDY
6-Lead (2mm
× 2mm) Plastic DFN
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN Operating Voltage (Note 4)
l
0.9
5.5
V
VBIAS Operating Voltage (Note 4)
l
2.5
5.5
V
VBIAS Undervoltage Lockout
l
2.2
2.5
V
VIN Operating Current
IOUT = 10μA
l
410
μA
VBIAS Operating Current
IOUT = 10μA
l
50
80
μA
VIN Shutdown Current
VSHDN = 0V
1
5
μA
VBIAS Shutdown Current
VSHDN = 0V
0.01
1
μA
VADJ Regulation Voltage (Note 5)
1mA ≤ IOUT ≤ 300mA, 1.5V ≤ VIN ≤ 5V
1mA ≤ IOUT ≤ 300mA, 1.5V ≤ VIN ≤ 5V
l
0.395
0.392
0.4
0.4
0.405
0.408
V
V
IADJ ADJ Input Current
VADJ = 0.45V
–50
0
50
nA
OUT Load Regulation (Referred to ADJ Pin)
∆IOUT = 1mA to 300mA
–0.2
mV
VIN Line Regulation (Referred to ADJ Pin)
VIN = 1.5V to 5V, VBIAS = 3.6V, VOUT = 1.2V,
IOUT = 1mA
0.07
mV
BIAS Line Regulation (Referred to ADJ Pin)
VIN = 1.5V, VBIAS = 2.6V to 5V, VOUT = 1.2V
IOUT = 1mA
l
1.7
5.5
mV
The
l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 1.5V, VBIAS = 3.6V, VOUT = 1.2V, COUT = 1μF, CIN = 0.1μF,
CBIAS = 0.1μF (all capacitors ceramic) unless otherwise noted. (Note 3)
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com