Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3025 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3025
Description  300mA Micropower VLDO Linear Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3025 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3025 Datasheet HTML 2Page - Linear Technology LTC3025 Datasheet HTML 3Page - Linear Technology LTC3025 Datasheet HTML 4Page - Linear Technology LTC3025 Datasheet HTML 5Page - Linear Technology LTC3025 Datasheet HTML 6Page - Linear Technology LTC3025 Datasheet HTML 7Page - Linear Technology LTC3025 Datasheet HTML 8Page - Linear Technology LTC3025 Datasheet HTML 9Page - Linear Technology LTC3025 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3025
6
3025fd
BLOCK DIAGRAM
3
1
6
2
4
5
IN
OUT
6μA
3025 BD
ADJ
GND
SHDN
BIAS
REFERENCE
SHDN
0.4V
SOFT-START
–
+
Operation (Refer to Block Diagram)
The LTC3025 is a micropower, VLDO (very low dropout)
linear regulator which operates from input voltages as
low as 0.9V. The device provides a high accuracy output
that is capable of supplying 300mA of output current with
a typical dropout voltage of only 45mV. A single ceramic
capacitor as small as 1μF is all that is required for output
bypassing. A low reference voltage allows the LTC3025
output to be programmed to much lower voltages than
available in common LDOs (range of 0.4V to 3. 6V).
As shown in the Block Diagram, the BIAS input supplies
the internal reference and LDO circuitry while all output
current comes directly from the IN input for high efficiency
regulation. The low quiescent supply currents IIN = 4μA,
IBIAS = 50μA drop to IIN = 1μA, IBIAS = 0.01μA typical in
shutdown making the LTC3025 an ideal choice for use in
battery-powered systems.
The device includes current limit and thermal overload
protection. The fast transient response of the follower
output stage overcomes the traditional tradeoff between
dropout voltage, quiescent current and load transient
response inherent in most LDO regulator architectures.
The LTC3025 also includes overshoot detection circuitry
which brings the output back into regulation when going
from heavy to light output loads (see Figure 1).
APPLICATIONS INFORMATION
300mA
0mA
IOUT
VOUT
AC
20mV/DIV
VIN = 1.5V
VOUT = 1.2V
VBIAS = 3.6V
COUT = 1μF
100μs/DIV
3025 F01
Figure 1. LTC3025 Transient Response
Adjustable Output Voltage
The output voltage is set by the ratio of two external resis-
tors as shown in Figure 2. The device servos the output
to maintain the ADJ pin voltage at 0.4V (referenced to
ground). Thus the current in R1 is equal to 0.4V/R1. For
good transient response, stability, and accuracy, the current
in R1 should be at least 8μA, thus the value of R1 should
be no greater than 50k. The current in R2 is the current in
R1 plus the ADJ pin bias current. Since the ADJ pin bias
current is typically <10nA, it can be ignored in the output
voltage calculation. The output voltage can be calculated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com