Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6345 Datasheet(PDF) 8 Page - NEC

Part # UPD6345
Description  8 BIT SERIAL IN/PARALLEL OUT DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6345 Datasheet(HTML) 8 Page - NEC

Back Button UPD6345 Datasheet HTML 4Page - NEC UPD6345 Datasheet HTML 5Page - NEC UPD6345 Datasheet HTML 6Page - NEC UPD6345 Datasheet HTML 7Page - NEC UPD6345 Datasheet HTML 8Page - NEC UPD6345 Datasheet HTML 9Page - NEC UPD6345 Datasheet HTML 10Page - NEC UPD6345 Datasheet HTML 11Page - NEC UPD6345 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
µPD6345
8
TIMING WAVEFORMS
SCK
SIN
SO
Qn
RES
EN
LAT
On
SO
10 %
10 %
90 %
50 %
90 %
50 %
50 %
50 %
50 %
50 %
50 %
50 %
1/f max.
tr
tr
PWCLOCK
tSETUP
tHOLD
tPLH1
tPHL2
tPHL1
tPLH2
50 %
50 %
PW
50 %
50 %
tPLH3 to 5
50 %
50 %
tPHL4 to 5
50 %
VOH
VOL
High Impedance
VOL
VOH
VOL
High Impedance
VOL
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com