Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD6345 Datasheet(PDF) 1 Page - NEC

Part # UPD6345
Description  8 BIT SERIAL IN/PARALLEL OUT DRIVER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD6345 Datasheet(HTML) 1 Page - NEC

  UPD6345 Datasheet HTML 1Page - NEC UPD6345 Datasheet HTML 2Page - NEC UPD6345 Datasheet HTML 3Page - NEC UPD6345 Datasheet HTML 4Page - NEC UPD6345 Datasheet HTML 5Page - NEC UPD6345 Datasheet HTML 6Page - NEC UPD6345 Datasheet HTML 7Page - NEC UPD6345 Datasheet HTML 8Page - NEC UPD6345 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
©
1995
DATA SHEET
The
µPD6345 is a monolithic Bi-CMOS integrated Circuit designed to drive LED, Solenoid and Relay.
This device consists of an 8-bit shift register, latch and buffer with high voltage N-P-N Transistors (Open Collector).
Data is serially loaded into shift register on the positive-going transition of the clock. Parallel data is transferred to
the output buffers through the 8-bit latch while the latch enable input is high and latched when the latch enable is low.
When the output enable input is low, all outputs are off (High Impedance).
FEATURES
•
High Speed Serially-shifted Data Input.
•
Latches on all driver Outputs.
•
40 V Output Voltage Rating.
•
60 mA Output Sink Current.
•
Built in power supply voltage detection circuit.
•
Capable of connection to cascade additional device.
•
Wide Operating Temperature Range: –40 to +85
°C
•
Bi-CMOS STRUCTURE
ORDERING INFORMATION
Part Number
Package
µPD6345C
16 Pin Plastic DIP (300 mil)
µPD6345GS
16 Pin Plastic SOP (300 mil)
MOS INTEGRATED CIRCUIT
µPD6345
8 BIT SERIAL IN/PARALLEL OUT DRIVER
1988
Document No. IC-2166A (2nd edition)
(O.D. No. IC-5437A)
Date Published March 1997 P
Printed in Japan


Similar Part No. - UPD6345

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD6345 RENESAS-UPD6345 Datasheet
207Kb / 18P
MOS INTEGRATED CIRCUIT
1988
UPD6345C RENESAS-UPD6345C Datasheet
207Kb / 18P
MOS INTEGRATED CIRCUIT
1988
UPD6345GS RENESAS-UPD6345GS Datasheet
207Kb / 18P
MOS INTEGRATED CIRCUIT
1988
More results

Similar Description - UPD6345

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6336F TOSHIBA-TD6336F Datasheet
250Kb / 6P
8-BIT SERIAL-IN PARALLEL-OUT DRIVER
logo
Rohm
BA823 ROHM-BA823 Datasheet
83Kb / 7P
8-bit, serial IN, parallel OUT driver
BA829 ROHM-BA829 Datasheet
81Kb / 7P
8-bit, serial IN, parallel OUT driver
BU2050F ROHM-BU2050F Datasheet
55Kb / 6P
8-bit serial in, parallel out driver IC
BU2090 ROHM-BU2090 Datasheet
140Kb / 12P
12-bit, serial IN, parallel OUT driver
logo
Fairchild Semiconductor
74VHC164 FAIRCHILD-74VHC164 Datasheet
110Kb / 8P
8-Bit Serial-In, Parallel-Out Shift Register
DM74LS164 FAIRCHILD-DM74LS164 Datasheet
61Kb / 5P
8-Bit Serial In/Parallel Out Shift Register
logo
Renesas Technology Corp
RD30LDT595 RENESAS-RD30LDT595 Datasheet
206Kb / 8P
8-bit Serial-in Parallel-out LED Driver IC
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
Unisonic Technologies
U8C3005 UTC-U8C3005 Datasheet
190Kb / 6P
8 BIT SERIAL-IN PARALLEL-OUT VALVE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com