Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3405 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3405
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology LTC3405 Datasheet HTML 10Page - Linear Technology LTC3405 Datasheet HTML 11Page - Linear Technology LTC3405 Datasheet HTML 12Page - Linear Technology LTC3405 Datasheet HTML 13Page - Linear Technology LTC3405 Datasheet HTML 14Page - Linear Technology LTC3405 Datasheet HTML 15Page - Linear Technology LTC3405 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3405
3405fa
APPLICATIO S I FOR ATIO
Figure 11a
Figure 11b
VIN
CIN
†
2.2µF
CER
VIN
2.7V
TO 4.2V
LTC3405
RUN
MODE
3
6.8µH*
22pF
887k
412k
3405 F11a
5
4
6
1
2
SW
VFB
GND
COUT**
33µF
TANT
VOUT
2.5V
+
* SUMIDA CMD4D11-6R8MC
** AVX TPSB336K006R0600
† TAIYO YUDEN LMK212BJ225MG
TYPICAL APPLICATIO S
4.7µH*
22pF
200k
1M
COUT
†
4.7µF
CER
332k
VIN
CIN**
1µF
CER
*
**
†
MURATA LQH3C4R7M34
TAIYO YUDEN CERAMIC JMK107BJ105MA
TAIYO YUDEN CERAMIC JMK212BJ475MG
VIN
2.7V
TO 4.2V
LTC3405
RUN
MODE
3
3405 TA01a
5
4
6
1
2
SW
VFB
GND
VOUT
1.8V
Single Li-Ion to 1.8V/300mA Regulator
Optimized for Small Footprint and High Efficiency
Substituting VOUT = 2.5V, VIN = 4.2V, ∆IL = 100mA and
f = 1.5MHz in equation (3) gives:
L
V
MHz
mA
V
V
H
=
−
⎛
⎝
⎜
⎞
⎠
⎟ ≅
µ
25
1 5
100
1
25
42
68
.
.(
)
.
.
.
For best efficiency choose a 300mA or greater inductor
with less than 0.3Ω series resistance.
CIN will require an RMS current rating of at least 0.125A ≅
ILOAD(MAX)/2 at temperature and COUT will require an ESR
of less than 0.6Ω and greater than 0.1Ω. In most cases,
a tantalum capacitor will satisfy this requirement.
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
30
3405 F11b
1
100
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
OUTPUT CURRENT (mA)
0.1
10
1000
100
90
80
70
60
50
40
30
3405 TA01b
1
100
VIN = 2.7V
VIN = 4.2V
VIN = 3.6V
3405 TA01c
40µs/DIV
VIN = 3.6V
ILOAD = 100mA TO 250mA
VOUT
100mV/DIV
AC COUPLED
ILOAD
200mA/DIV
IL
200mA/DIV
For the feedback resistors, choose R1 = 412k. R2 can
then be calculated from equation (2) to be:
R
V
R
k use
OUT
2
08
1 1 875 5
8
=
−
⎛
⎝
⎜
⎞
⎠
⎟
=
.
. ;
87k
Figure 11 shows the complete circuit along with its
efficiency curve.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com