Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3405 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3405
Description  1.5MHz, 300mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3405 Datasheet(HTML) 2 Page - Linear Technology

  LTC3405 Datasheet HTML 1Page - Linear Technology LTC3405 Datasheet HTML 2Page - Linear Technology LTC3405 Datasheet HTML 3Page - Linear Technology LTC3405 Datasheet HTML 4Page - Linear Technology LTC3405 Datasheet HTML 5Page - Linear Technology LTC3405 Datasheet HTML 6Page - Linear Technology LTC3405 Datasheet HTML 7Page - Linear Technology LTC3405 Datasheet HTML 8Page - Linear Technology LTC3405 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC3405
3405fa
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IVFB
Feedback Current
●
±30
nA
IPK
Peak Inductor Current
VIN = 3V, VFB = 0.7V, Duty Cycle < 35%
375
500
625
mA
VFB
Regulated Feedback Voltage
(Note 4)
●
0.784
0.8
0.816
V
∆VOVL
∆Output Overvoltage Lockout
∆VOVL = VOVL – VFB
●
20
50
80
mV
∆VFB
Reference Voltage Line Regulation
VIN = 2.5V to 5.5V (Note 4)
●
0.04
0.4
%/V
VLOADREG
Output Voltage Load Regulation
0.5
%
VIN
Input Voltage Range
●
2.5
5.5
V
IS
Input DC Bias Current
(Note 5)
Pulse Skipping Mode
VFB = 0.7V, Mode = 3.6V, ILOAD = 0A
300
400
µA
Burst Mode
® Operation
VFB = 0.83V, Mode = 0V, ILOAD = 0A
20
35
µA
Shutdown
VRUN = 0V, VIN = 4.2V
0.1
1
µA
fOSC
Oscillator Frequency
VFB = 0.8V
●
1.2
1.5
1.8
MHz
VFB = 0V
210
kHz
RPFET
RDS(ON) of P-Channel FET
ISW = 100mA
0.7
0.85
Ω
RNFET
RDS(ON) of N-Channel FET
ISW = –100mA
0.6
0.90
Ω
ILSW
SW Leakage
VRUN = 0V, VSW = 0V or 5V, VIN = 5V
±0.01
±1
µA
VRUN
RUN Threshold
●
0.3
1
1.5
V
IRUN
RUN Leakage Current
●
±0.01
±1
µA
VMODE
MODE Threshold
●
0.3
1.5
2
V
IMODE
MODE Leakage Current
●
±0.01
±1
µA
Burst Mode is a registered trademark of Linear Technology Corporation.
LTC3405ES6
TJMAX = 125°C, θJA = 250°C/ W
ORDER PART
NUMBER
(Note 1)
Input Supply Voltage .................................. – 0.3V to 6V
MODE, RUN, VFB Voltages ......................... – 0.3V to VIN
SW Voltage .................................. – 0.3V to (VIN + 0.3V)
P-Channel Switch Source Current (DC) ............. 400mA
N-Channel Switch Sink Current (DC) ................. 400mA
Peak SW Sink and Source Current .................... 630mA
Operating Temperature Range (Note 2) .. – 40°C to 85°C
Junction Temperature (Note 3) ............................ 125°C
Storage Temperature Range ................ – 65°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300°C
S6 PART MARKING
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The
● denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C.
VIN = 3.6V unless otherwise specified.
LTXQ
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
ELECTRICAL CHARACTERISTICS
RUN 1
GND 2
SW 3
6 MODE
5 VFB
4 VIN
TOP VIEW
S6 PACKAGE
6-LEAD PLASTIC TSOT-23
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC3405E is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
LTC3405: TJ = TA + (PD)(250°C/W)
Note 4: The LTC3405 is tested in a proprietary test mode that connects
VFB to the output of the error amplifier.
Note 5: Dynamic supply current is higher due to the gate charge being
delivered at the switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com