Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN1798 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN1798
Description  This application note describes
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1798 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN1798 Datasheet HTML 8Page - STMicroelectronics AN1798 Datasheet HTML 9Page - STMicroelectronics AN1798 Datasheet HTML 10Page - STMicroelectronics AN1798 Datasheet HTML 11Page - STMicroelectronics AN1798 Datasheet HTML 12Page - STMicroelectronics AN1798 Datasheet HTML 13Page - STMicroelectronics AN1798 Datasheet HTML 14Page - STMicroelectronics AN1798 Datasheet HTML 15Page - STMicroelectronics AN1798 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
STR71x ADC conversion speed-up
AN1798
12/16
4
STR71x ADC conversion speed-up
This section gives an example of how to reduce the conversion time of the A/D Converter of
the STR71x microcontroller, when only one input channel needs to be converted. This is
achieved using Round Robin mode instead of Single Channel mode to convert an analog
input signal which must be connected to all four analog input pins of the converter. By
configuring the conversion time to 1ms per channel, the conversion Speed-Up technique
allow conversion time to be reduced down to 250 µs.
4.1
Hardware implementation
In Single Channel mode, a valid sample for the selected channel is produced only every
2048 clock cycles, with the same output frequency as Round Robin mode which samples
the four channels (512 clock cycles for each channel). Consequently, the conversion time for
one analog voltage can be reduced by using Round Robin mode instead of Single Channel
mode.
The four ADC inputs have to be connected to the same analog voltage input in order to use
Round Robin conversion mode. As shown in Figure 9, only one input can be used when this
technique is applied.
Figure 9.
Speed-Up hardware implementation
4.2
Firmware description
To use the procedure described above, the ADC has to be driven in polling mode because in
Round Robin mode, an interrupt is generated only when the four input channels have been
converted and all the Data Available flags in the Control Status Register (CSR) are set. In
polling mode, it is possible to get the conversion result of the channel corresponding to the
DAn flag that has been set without waiting for the end of conversion on all the channels.
First, all the STR71x analog pins must be configured as high impedance analog inputs.
Next, the STR71x ADC has to be selected in Round Robin conversion mode. Then, the
prescaler has to be configured. Next, the ADC has to be enabled by setting the ADC_En bit
in the PCU_BOOTCR register. To speed-up the ADC conversion you have to check all the
AIN2
AIN3
AIN1
AIN0
STR71x
Analog input
(only one input possible)
Note: you must connect the 4 channels
together.
0.1µF
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com