Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2014 Datasheet(PDF) 52 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics AN2014 Datasheet HTML 51Page - STMicroelectronics AN2014 Datasheet HTML 52Page - STMicroelectronics AN2014 Datasheet HTML 53Page - STMicroelectronics AN2014 Datasheet HTML 54Page - STMicroelectronics AN2014 Datasheet HTML 55Page - STMicroelectronics AN2014 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 65 page
background image
Power supply loss and application reset
AN2014
52/65
DocID10701 Rev 10
6.1.3
MICROWIRE family
Main recommendation for MICROWIRE products is to deselect the device in a safe way.
The chip must be deselected taking care of the timings of Chip Select respect to the Clock
rising edge.
Smart connections of EEPROM pins help to avoid deselect critical configurations when
Master releases MICROWIRE bus. Refer to Section 4: Hardware considerations
section for safe connections. At deselect, EEPROM will go into the standby state (see
Figure 42: MICROWIRE bus enters the high impedance state (Master reset)).
However when deselecting the EEPROM, a write cycle may be triggered if the
EEPROM is deselected between two data bytes of a write instruction.
When Master restarts, it must run a data polling sequence to check that EEPROM is
ready (no write cycle in progress).
As soon as device is ready, an Erase/Write Disable (EWDS) instruction must be issued
to disable any WRITE instruction. In this way, the device is protected against any
parasitic WRITE instruction.
These recommendations will maximize the control on the EEPROM in case of inadvertent
Master reset. Recommendations for Master restart can also be the default sequence each
time Master comes out of the reset state like after Power up.
Figure 42. MICROWIRE bus enters the high impedance state (Master reset)
1. A pull-down resistor on C prevents any tSLCH timing violation (as a pull-up resistor on C causes C to rise at
the same time as S goes low, inducing tSLCH = 0).
Ai11092c
R
R
S
C
Safe
MICROWIRE bus connections
MICROWIRE bus waveforms when the bus enters
the high-impedance state
Safe
(1)
S
C
S
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com