Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2014 Datasheet(PDF) 46 Page - STMicroelectronics

Part # AN2014
Description  How a designer can make the most of STMicroelectronics serial EEPROMs
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2014 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button AN2014 Datasheet HTML 42Page - STMicroelectronics AN2014 Datasheet HTML 43Page - STMicroelectronics AN2014 Datasheet HTML 44Page - STMicroelectronics AN2014 Datasheet HTML 45Page - STMicroelectronics AN2014 Datasheet HTML 46Page - STMicroelectronics AN2014 Datasheet HTML 47Page - STMicroelectronics AN2014 Datasheet HTML 48Page - STMicroelectronics AN2014 Datasheet HTML 49Page - STMicroelectronics AN2014 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
Software considerations
AN2014
46/65
DocID10701 Rev 10
This example shows that each byte was cycled 4 times, although each byte was written only
once. We can therefore conclude that writing data by groups of 4 bytes benefit of the highest
number of write cycles.
Note:
A group of 4 bytes is composed of bytes located at addresses [4*N, 4*N+1, 4*N+2, 4*N+3],
where N is an integer.
Refer to AN2440 “Consequences of the embedded ECC on the EEPROM behavior” for
more details concerning the ECC.
For devices embedding the ECCx1, the ECC logic compares each byte with 4 additional
EEPROM ECC bits associated with each byte. As a result, if a single bit in a byte of data
happens to be erroneous during a read operation, the ECC detects it and corrects it with the
correct value in the stream of read data. The EEPROM cell read reliability is therefore
improved by using this feature.
5.5.3
Cycling and temperature dependence
Write cycling and retention endurance are independent of the value of VCC but directly
depend on the operating temperature. The higher the temperature, the lower the cycling
performance. Refer also to Section 1.1.3: Cycling limit of EEPROM cells.
EEPROM cycling safe operating area
For a robust application design, the safe cycling operating areas shown in Figure 39 have to
be considered as a safe maximum cycling value for each byte of the memory, going above
this safe operating area is not recommended.
Figure 39. Write cycling versus temperature
0.01
0.1
1
-40
255075
100
125
150
Temperature (oC)
Cell cycling safe operating area
1Kbit to 1Mbit devices
4 million cycles specification (devices identified with process letters K or T)
1 million cycles specification (devices older than process letter K)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com