Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2027 Datasheet(PDF) 2 Page - STMicroelectronics

Part # AN2027
Description  Mounting recommendations for ceramic DMOS packages
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2027 Datasheet(HTML) 2 Page - STMicroelectronics

  AN2027 Datasheet HTML 1Page - STMicroelectronics AN2027 Datasheet HTML 2Page - STMicroelectronics AN2027 Datasheet HTML 3Page - STMicroelectronics AN2027 Datasheet HTML 4Page - STMicroelectronics AN2027 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Mounting recommendations for M174, M177 and M244
AN2027
2/5
Doc ID 10738 Rev 2
1
Mounting recommendations for M174, M177 and
M244
1.1
Mounting recommendations
●
Ensure holes in heatsinks are free from burrs
●
Minimum depth of tapped holes in heatsinks is 6 mm
●
Use 4-40 UNC-2A cheese-head screws with a flat washer to spread the joint pressure
●
The minimum flatness of the mounting area is 0.02 mm
●
Mounting area roughness should be less than 0.5 µm (micro)
●
Avoid, as much as possible, use of flux or flux solutions because flux can penetrate
even when hermetically sealed ceramic-capped transistors. Tin and wash the printed-
circuit board BEFORE mounting the power transistors, then solder the transistor leads
without using flux
●
Transistor leads may be tinned by dipping them full-length into a solder bath at a
temperature of about 230°C. No flux should be used during tinning
●
Recommended heatsink compounds : WPSII (silicon free) from Austerlitz Electronics,
340 from Dow Corning etc.
1.2
Mounting sequence
●
Apply a thin layer of evenly distributed heatsink compound to the flange
●
Position the device with flat washers in place
●
Tighten the screws until finger tight (0.05 Nm)
●
Further tighten the screws until the specified torque is reached
●
For M174, M177 & M244 type of packages, torque should be minimum 0.6 Nm and
0.75 Nm max.
Table 1.
DMOS packages - list of materials
Package
type
Description
Flange
Leadframe
Ceramic
insulator
Plating
Torque
(Nm)
Leads
Flange
Min.
Max.
M174
0.500 DIA 4L
non herm
w/flange
Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100µ min)
over Ni (100µ
min / 350µ max)
Ni (100µ min) +
Pd (10µ min)
0.6
0.75
M174
(Moly disk)
0.500 DIA 4L
non herm
w/flange
(moly disk
Cu-Mo-Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (100µ min)
over Ni (100µ
min / 350µ max)
Ni (100µ min) +
Pd (10µ min)
0.6
0.75



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com