Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2027 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2027
Description  Mounting recommendations for ceramic DMOS packages
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2027 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2027 Datasheet HTML 1Page - STMicroelectronics AN2027 Datasheet HTML 2Page - STMicroelectronics AN2027 Datasheet HTML 3Page - STMicroelectronics AN2027 Datasheet HTML 4Page - STMicroelectronics AN2027 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AN2027
Mounting recommendations for M174, M177 and M244
Doc ID 10738 Rev 2
3/5
M177
0.550 DIA 4L
non herm
w/flange
Cu-Mo-Cu
ALLOY 42
(Fe58 /
Ni42)
BeO
(99.5%
min)
Au (60µ min)
over Ni (100µ
min / 350µ max)
Au (100µ min)
over Ni (100µ
min / 350µ
max)
0.6
0.75
M244
2x
0.400x0.425
wide 2l lap n/h
flange
W (85%) -
Cu (15%)
ALLOY 42
(Fe58 /
Ni42)
BeO(99.
5% min)
Au (60µ min) over Ni (100µ min /
350µ max)
0.6
0.75
Table 1.
DMOS packages - list of materials (continued)
Package
type
Description
Flange
Leadframe
Ceramic
insulator
Plating
Torque
(Nm)
Leads
Flange
Min.
Max.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com