Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2077 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2077
Description  EEPROM Emulation with STR71x
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2077 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2077 Datasheet HTML 6Page - STMicroelectronics AN2077 Datasheet HTML 7Page - STMicroelectronics AN2077 Datasheet HTML 8Page - STMicroelectronics AN2077 Datasheet HTML 9Page - STMicroelectronics AN2077 Datasheet HTML 10Page - STMicroelectronics AN2077 Datasheet HTML 11Page - STMicroelectronics AN2077 Datasheet HTML 12Page - STMicroelectronics AN2077 Datasheet HTML 13Page - STMicroelectronics AN2077 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
10/19
EEPROM Emulation with STR71x
– the erase (if necessary because one Flash bank is full) should be done just before Flash pro-
gramming
– the Flash programming should start only after the successful completion of the erasing proc-
ess.
As the erase process can take few seconds, this may require the use of software-controlled
voltage regulators to allow the Flash to be erased after the main system is stopped (e.g. when
the ignition key is removed).
3.2.1.3 Safety aspects
Depending on safety constraints, the usage of a 3rd bank may be considered: instead of using
2 banks alternatively, 3 banks are used alternatively; in the event of a failure (hardware or non-
recoverable software error) inside a bank, there are still 2 banks available. Such a technique
is already used in some applications for EEPROM emulation using stand-alone Flash memo-
ries.
3.3 FIELD REPROGRAMMING WITH STR71XF
Flash programming/reprogramming in the field, requires the ability to deal safely with all the
possible events that may occur in the application.
This analysis is application-dependent and has to be carefully conducted by the user. This
section assumes that users have experience with all the generic aspects of field reprogram-
ming and will focus only on STR71xF specific events.
3.3.1 Field events and Flash reliability
User’s applications must meet ST’s recommendations for Flash programming and erasing.
Failure to do so could result in lower data retention and/or altered Flash reliability. The condi-
tions leading to an altered data retention or to an altered reliability depend on the command is-
sued to the Flash and the event that occurred during this command (supply out of range,
reset).
From FMEA’s (Failure Modes and Effects Analysis) perspective, customers should consider
that when ST’s recommendations are not implemented, Flash reliability can be altered. When
ST’s advice is followed and provided all field specific events are within ST recommendations
(see hereafter), the Flash will meet ST published specification.
3.3.2 List of Events and Suggested Handling Methods
3.3.2.1 Reset
Reset is one of the events possible during field reprogramming, whatever the possible causes
of reset (spurious reset, external hardware reset, reset due to power-shut down).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com