Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2077 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2077
Description  EEPROM Emulation with STR71x
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2077 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2077 Datasheet HTML 1Page - STMicroelectronics AN2077 Datasheet HTML 2Page - STMicroelectronics AN2077 Datasheet HTML 3Page - STMicroelectronics AN2077 Datasheet HTML 4Page - STMicroelectronics AN2077 Datasheet HTML 5Page - STMicroelectronics AN2077 Datasheet HTML 6Page - STMicroelectronics AN2077 Datasheet HTML 7Page - STMicroelectronics AN2077 Datasheet HTML 8Page - STMicroelectronics AN2077 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4/19
EEPROM Emulation with STR71x
1.3 DIFFERENCE IN ERASE TIME
The difference in erase time is the other important difference between stand-alone EEPROMs
and emulated EEPROM with embedded-Flash. Unlike Flash, EEPROM does not require a
block erase operation to free-up space before write. This means that some form of software
management is required to store data in Flash. Moreover, as the erase process of a block in
the Flash takes few seconds, power shut-down and other spurious events that may interrupt
the erase process (ex: reset) should be considered when designing the Flash management
software. This means that to design a robust Flash management software it is necessary to
have a deep understanding of the Flash erase process.
The Flash erase process is split in 3 phases:
– phase1: write all bits to 0, starting from the initial content. An interrupt during this phase will
result in some memory cells being at “0” logic level and the rest of the memory cells will still
contain their initial content.
– phase2: write all bits to 1, starting from the all “0” configuration. The longer the time before
this phase is interrupted, the higher the number of cells will return a “1” logic level. The rest
of the memory cells will contain their initial content, their content can be considered as totally
random.
– phase3: equalization. This phase is necessary to recover over-erased cells. The Flash man-
agement software for EEPROM emulation should guarantee that this phase was successful-
ly completed before programming in this bank.
The consequence of an interrupt during phase2 is that a single bit approach should be avoided
to flag the completion of the erasing process (find more details in section 2.5 on page 6).
The consequence of an interrupt during phase1 and/or phase2 is that it is recommended to
have fixed data inside the emulated EEPROM so that a checksum can be run to tell which
Flash bank keeps the valid data.
The most important point is to ensure that the Flash has been completely erased (phase3 was
not interrupted) before programming data inside a bank.
Note The design of Flash software management is easier if programming in a new bank is always made
just after erasing of this bank (when erasing of one bank is necessary).
1.4 ADDITIONAL INFORMATION ON FLASH
Incremental programming: the Flash controller will accept to program a word that is already
programmed if the new word is adding more “0” bits.
Programming completion: programming completion is important to guarantee data retention
time; the programming is complete when the Flash controller status indicates the end of pro-
gramming without showing any error flag. If programming is interrupted (ex: supply fail, CPU
reset), the cells of the word being programmed will be partially programmed. This can result in
unstable “0”s when reading this word.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com