Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3531 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 1 Page - Linear Technology

  LTC3531 Datasheet HTML 1Page - Linear Technology LTC3531 Datasheet HTML 2Page - Linear Technology LTC3531 Datasheet HTML 3Page - Linear Technology LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
1
3531fb
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
INPUT VOLTAGE (V)
1.5
80
90
5.5
3531 TA01b
70
60
2.5
3.5
4.5
2
3
4
5
100
75
85
65
95
BOOST
MODE
4SW
MODE
3.3VOUT AT 100mA
BUCK
MODE
The LTC®3531/LTC3531-3.3/LTC3531-3 are synchronous
buck-boost DC/DC converters that operate from input
voltages above, below or equal to the output voltage. The
topology incorporated in the ICs provides a continuous
transfer through all operating modes, making the product
ideal for single cell Li-Ion and multicell alkaline or nickel
applications. The converters operate in Burst Mode, mini-
mizing solution footprint and component count as well as
providing high conversion efficiency over a wide range of
load currents.
The devices include two 0.5Ω N-channel MOSFET switches
and two P-channel switches (0.5Ω, 0.8Ω). Quiescent
current is typically 16μA, making the parts ideal for bat-
tery power applications. Other features include a <1μA
shutdown current, current limiting, thermal shutdown
and output disconnect. The parts are offered in a 6-pin
ThinSOTTM package for fixed voltage versions or a 3mm ×
3mm DFN package for fixed and adjustable versions.
200mA Buck-Boost
Synchronous DC/DC
Converters
■
Regulated Output with Input Above, Below or Equal
to the Output
■
Single Inductor
■
Up to 90% Efficiency
■
VIN Range: 1.8V to 5.5V
■
200mA at 3.3VOUT from 3.6V Input
■
125mA at 3VOUT from 2.5V Input
■
Fixed VOUT Versions (TSOT, DFN): 3.3V, 3V
■
Adjustable VOUT Version (DFN): 2V to 5V
■
Burst Mode® Operation, No External Compensation
■
Ultra Low Quiescent Current: 16μA, Shutdown
Current <1μA
■
Only 3 External Components Required
(Fixed Voltage Versions)
■
Short-Circuit Protection
■
Output Disconnect in Shutdown
■
Available in 6-Pin ThinSOT and 3mm × 3mm DFN
Packages
Efficiency vs VIN
■
Handheld Instruments
■
MP3 Players
■
Handheld computers
■
PDA/GPS
SW1
SW2
SHDN
GND
VIN
VOUT
LTC3531-3.3
2.2
μF
10
μF
ON OFF
Li-Ion
10
μH
VIN
3.1V TO
4.2V
VOUT
3.3V
160mA
3531 TA01a
+
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
Burst Mode is a registered trademark of Linear Technology Corporation.
ThinSOT is a trademark of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents including 6166527.


Similar Part No. - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531 LINER-LTC3531 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
LTC3531 LINER-LTC3531 Datasheet
342Kb / 16P
Micropower Synchronous Buck-Boost DC/DC Converter
LTC3531-3 LINER-LTC3531-3 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3 Datasheet
392Kb / 28P
High Effi ciency, Synchronous, 4-Switch Buck-Boost Controller
More results

Similar Description - LTC3531

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3531 LINER-LTC3531 Datasheet
695Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
logo
ams AG
AS1331 AMSCO-AS1331 Datasheet
2Mb / 16P
300mA Buck-Boost Synchronous DC/DC Converters
AS1331 AMSCO-AS1331_07 Datasheet
2Mb / 17P
300mA Buck-Boost Synchronous DC/DC Converters
logo
Linear Technology
LTC3531-3.3 LINER-LTC3531-3.3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3531-3 LINER-LTC3531-3_15 Datasheet
716Kb / 16P
200mA Buck-Boost Synchronous DC/DC Converters
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC3129 LINER-LTC3129_15 Datasheet
405Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
LTC3129-1 LINER-LTC3129-1_15 Datasheet
560Kb / 30P
15V, 200mA Synchronous Buck-Boost DC/DC Converter with 1.3A Quiescent Current
logo
Shenzhen Huazhimei Semi...
HM3440 HMSEMI-HM3440 Datasheet
451Kb / 10P
Synchronous Buck-Boost DC/DC Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com