Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3531 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3531
Description  200mA Buck-Boost Synchronous DC/DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3531 Datasheet(HTML) 3 Page - Linear Technology

  LTC3531 Datasheet HTML 1Page - Linear Technology LTC3531 Datasheet HTML 2Page - Linear Technology LTC3531 Datasheet HTML 3Page - Linear Technology LTC3531 Datasheet HTML 4Page - Linear Technology LTC3531 Datasheet HTML 5Page - Linear Technology LTC3531 Datasheet HTML 6Page - Linear Technology LTC3531 Datasheet HTML 7Page - Linear Technology LTC3531 Datasheet HTML 8Page - Linear Technology LTC3531 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC3531/
LTC3531-3.3/LTC3531-3
3
3531fb
TYPICAL PERFOR
CE CHARACTERISTICS
A
TA = 25°C unless otherwise specified.
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: This IC includes overtemperature protection that is intended
to protect the device during momentary overload conditions. Junction
temperature will exceed 125°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may result in device degradation or failure.
Note 3: The LTC3531 is guaranteed to meet performance specifications
from 0°C to 70°C. Specifications over the –40°C to 85°C operating
temperature range are assured by design, characterization and correlation
with statistical process controls.
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V VOUT = 3.3V unless otherwise noted.
VIN (V)
1.5
200
250
300
4.5
5
4
3
3531 G01
150
100
2.5
2
3.5
5.5
50
0
350
VIN (V)
1.5
200
250
300
5.5
5
3531 G02
150
100
0
2.5
2
3.5
3
4.5
4
50
400
450
350
IPEAK
IVALLEY
IZERO
VIN (V)
1.5
0
2
6
8
10
20
14
2.5
3.5
4
3531 G03
4
16
18
12
23
4.5
5
5.5
IVIN
IVOUT
VIN (V)
1.5
2
80
100
120
5.5
3531 G04
60
40
0
2.5
3
3.5
4
4.5
5
20
160
180
140
VIN (V)
1.5
0
10
30
40
50
100
70
2.5
3.5
4
3531 G05
20
80
90
60
23
4.5
5
5.5
10
μF
22
μF
LOAD CURRENT (mA)
0.1
3.25
3.30
1000
3521 G06
3.20
3.15
1
10
100
3.40
3.35
47
μF
10
μF
22
μF
L = 10
μH
VOUT = 3.3V
L = 10
μH
50mA LOAD
VIN = 3.6V
IIN Short Circuit vs VIN
VOUT Ripple vs COUT
(3.3V Version)
Load Regulation vs COUT
(3.3V Version)
Maximum IOUT vs VIN
(3.3V Version)
IPEAK, IVALLEY, IZERO vs VIN
Sleep Currents
SHDN
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PMOS D RDSON (3.3V Version or Adjustable Version set to 3.3V)
VOUT = 3.1V
0.8
Ω
PMOS D RDSON (3V Version)
VOUT = 2.8V
0.9
Ω
Peak Current Limit
L = 10μH, VIN = 5V
295
365
460
mA
SHDN Input Threshold
0.4
1
1.4
V
SHDN Hysteresis
60
mV
SHDN Leakage Current
VSHDN
0.01
1
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com