Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2169 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 2Page - STMicroelectronics AN2169 Datasheet HTML 3Page - STMicroelectronics AN2169 Datasheet HTML 4Page - STMicroelectronics AN2169 Datasheet HTML 5Page - STMicroelectronics AN2169 Datasheet HTML 6Page - STMicroelectronics AN2169 Datasheet HTML 7Page - STMicroelectronics AN2169 Datasheet HTML 8Page - STMicroelectronics AN2169 Datasheet HTML 9Page - STMicroelectronics AN2169 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Modified features
AN2169
6/33
1.1.2
Pin 99
On the ST10F168, pin 99 is EA and used upon reset to select the start from internal flash or
external memory.
Now, on the ST10F276, it has an the additional function of providing the 5V power supply to the
device in standby mode (new power saving mode) and is therefore named EA - VSTBY.
Hardware impact
For an application not using the Stand by mode, no change is required on the PCB. However,
for the application to use it , the EA - VSTBY pin must be separated from the common 5v and
have a specific supply path.
Software impact
None.
1.1.3
Pins 143 & 144
These pins were a Vss-VDD pair in the ST10F168. Now, on the ST10F276, they are used as
XTAL3-XTAL4 pair for connection to an optional 32Khz crystal to clock the device during power-
down.
Hardware impact
PCB must be redesigned. In case the optional 32Khz is not used, XTAL3 must be linked to
ground as it was in the ST10F168 but XTAL4 shall be left open.
Software impact
In case the optional 32Khz is not used, the bit OFF32 of the RTCCON register shall be set.
Prior to setting the OFF32 bit in RTCCON register, the RTC must be enabled by setting
RTCEN, bit 4 of XPERCON, and XPEN, bit3 of SYSCON.
1.1.4
Pin 84
This pin was named Vpp/RPD on the ST10F168 and was the 12v input pin Flash programming.
In the ST10F276, it is now only used as RPD.
Hardware impact
This pin is no longer designed to accept 12V inputs. Its ratings are the same as any other pin: -
0.5V to VDD + 0.5V.
Software impact
None.
144
XTAL4
VDD Digital supply voltage
84
RPD
Vpp / RPD
56
V18 1.8v decoupling pin
VDD digital supply voltage
Pin no.
ST10F276 pin function
ST10F168 pin function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com