Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2169 Datasheet(PDF) 25 Page - STMicroelectronics

Part # AN2169
Description  Porting an application from the ST10F168 to the ST10F276
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2169 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button AN2169 Datasheet HTML 21Page - STMicroelectronics AN2169 Datasheet HTML 22Page - STMicroelectronics AN2169 Datasheet HTML 23Page - STMicroelectronics AN2169 Datasheet HTML 24Page - STMicroelectronics AN2169 Datasheet HTML 25Page - STMicroelectronics AN2169 Datasheet HTML 26Page - STMicroelectronics AN2169 Datasheet HTML 27Page - STMicroelectronics AN2169 Datasheet HTML 28Page - STMicroelectronics AN2169 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 33 page
background image
AN2169
New registers
25/33
4.2.2
Software Impact
Once the XPEN bit of SYSCON register is set and at least one of the X-peripherals (except
memories) is activated, the register XPEREMU must be written with the same content of
XPERCON: this is mandatory in order to allow a correct emulation of the new set of features
introduced on X-BUS for the new ST10 generation. The following instructions must be added
inside the initialization routine:
if (SYSCON.XPEN && (XPERCON & 0x07D3))
then { XPEREMU = XPERCON }
Of course, XPEREMU must be programmed after XPERCON and after SYSCON, in such a
way the final configuration for X-Peripherals is stored in XPEREMU and used for the emulation
hardware setup.
4.3
EXISEL register
This register, standing for External Interrupt source selection, has been added in the
ST10F276.
The purpose of this new register is to select the interrupt sources of the fast external interrupts
among the other peripherals. For example, the CANy controller receive signal (CANy_RxD) can
be used to interrupt the system(y=1,2).
ST10F276: EXISEL (F1DAh / EDh)
SFR
Reset Value: -005h
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
EXI7SS
EXI6SS
EXI5SS
EXI4SS
EXI3SS
EXI2SS
EXI1SS
EXI0SS
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
RW
Bit name
Function
EXIxSS
External Interrupt x source Selection (x=7..0)
00: Input from associated Port 2 pin.
01: Input from "alternate source".
10:Input from associated Port 2 pin logically ORed with "alternate source".
11:Input from associated Port 2 pin logically ANDed with "alternate source".
EXIxSS
Port 2 pin
Alternate source
0
P2.8
CAN1_RxD
P4.5
1
P2.9
CAN2_RxD / SCL
P4.4
2
P2.10
RTC_secIT
Internal MUX
3
P2.11
RTC_alarmIT
Internal MUX
4..7
P2.12..P2.15
Not used (zero)
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com