Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2202 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2202
Description  STR73x microcontroller power management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2202 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2202 Datasheet HTML 2Page - STMicroelectronics AN2202 Datasheet HTML 3Page - STMicroelectronics AN2202 Datasheet HTML 4Page - STMicroelectronics AN2202 Datasheet HTML 5Page - STMicroelectronics AN2202 Datasheet HTML 6Page - STMicroelectronics AN2202 Datasheet HTML 7Page - STMicroelectronics AN2202 Datasheet HTML 8Page - STMicroelectronics AN2202 Datasheet HTML 9Page - STMicroelectronics AN2202 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
3 STR73x low power modes
AN2202
6/12
3
STR73x low power modes
3.1
Low power mode characteristics
The STR73x low power modes are summarized in the following table:
Table 1.
STR73x low power modes
Note: 1 Refer to Figure 3 for the definition of the various clocks (MCLK, CLK1, CLK2, CLK2/16, RC).
3.2
Guidelines for entering/exiting low power modes
3.2.1
SLOW mode
To enter SLOW mode, MCLK must be configured as CLK2 or CLK2/16.
When using these clock settings, the PLL can be disabled by writing ‘111’ in the DX[2:0] bits in
the PRCCU_PLLCR register.
Table 2.
SLOW mode selection
Note: 1 CSU_CKSEL is bit 0 in register PRCCU_CFR.
2 CK2_16 is bit 3 in register PRCCU_CFR
Power mode
Description
SLOW
- PLL off and MCLK1) = CLK2 or CLK2/16
- Free running PLL
Wait For Interrupt (WFI)
- Core stopped (MCLK off)
- Wake-up by interrupts acknowledged by the interrupt controller (EIC)
- MCU state retained (context restored after wakeup)
Low Power WFI
(LPWFI)
- Core stopped (MCLK off)
- Peripherals running at slow clock: CLK2/16
- Wake-up by interrupts acknowledged by the EIC
- MCU state retained
STOP
- Core and peripherals stopped (MCLK off)
- Wake-up by the configured external wake-up lines
- MCU state retained
HALT
- Oscillators stopped
- Wake up is only possible by means of external reset (H/W pin) or LVD reset
(Power-on) as the RC oscillator is off
MCLK
CSU_CKSEL1)
CK2_16 2)
FREEN 3)
CLK2
0
1
0
CLK2/16
x
0
0
Free running PLL
1
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com