Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2202 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2202
Description  STR73x microcontroller power management
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2202 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2202 Datasheet HTML 4Page - STMicroelectronics AN2202 Datasheet HTML 5Page - STMicroelectronics AN2202 Datasheet HTML 6Page - STMicroelectronics AN2202 Datasheet HTML 7Page - STMicroelectronics AN2202 Datasheet HTML 8Page - STMicroelectronics AN2202 Datasheet HTML 9Page - STMicroelectronics AN2202 Datasheet HTML 10Page - STMicroelectronics AN2202 Datasheet HTML 11Page - STMicroelectronics AN2202 Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
3 STR73x low power modes
AN2202
8/12
7.
On wake-up from STOP mode, the CMU automatically selects the 2MHz RC-Oscillator
clock as input clock to the PRCCU.
To further reduce power consumption during STOP mode, it is possible to:
●
Disable the main voltage regulator by writing ‘1’ in bit VRLPW in the PRCCU_VRCTR
register.
●
Minimize the low power voltage regulator current capability by setting the bit 0 and 1 of the
system configuration register 1 (LPVRCC(1:0)).
Note:
After exit from STOP mode, the Flash and the main voltage regulator are re-enabled
automatically if they were switched off during the STOP mode
3.2.5
HALT mode
The HALT sequence is initiated with the following procedure:
●
set the EN_HALT bit in the PRCCU_SMR and clear the SRESEN bit in the PRCCU_CCR
●
then set the HALT bit in the PRCCU_CCR.
Caution:
Wake-up from HALT mode is only possible by means of an external or LVD reset.
Note:
Minimize the low power voltage regulator current capability by setting the bit 0 and 1 of the
system configuration register 1 (LPVRCC(1:0)).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com