Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2366 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2366
Description  This application note provides information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2366 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2366 Datasheet HTML 1Page - STMicroelectronics AN2366 Datasheet HTML 2Page - STMicroelectronics AN2366 Datasheet HTML 3Page - STMicroelectronics AN2366 Datasheet HTML 4Page - STMicroelectronics AN2366 Datasheet HTML 5Page - STMicroelectronics AN2366 Datasheet HTML 6Page - STMicroelectronics AN2366 Datasheet HTML 7Page - STMicroelectronics AN2366 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
AN2366
ST72F324 migration: feature overview
Doc ID 12345 Rev 2
3/8
1
ST72F324 migration: feature overview
Table 2.
Feature overview
Feature(1)
1.
Refer to the corresponding datasheets for more information.
ST72F324
ST72324 ROM
ST72F324B
ST72324B ROM
Package
TQFP44 (10x10) / SDIP42(2)/
TQFP32 (7x7) / SDIP32
2.
SDIP42 / SDIP32 packages are valid only for non-automotive devices.
Program memory
8K to 32K
RAM
384 bytes to 1 Kbyte
Operating supply
3.8V to 5.5V
Register map
128 bytes
I/Os
32/24 Multifunction bidirectional lines
22/17 Alternate function lines
12/10 High sink outputs
Power saving modes
Slow / Wait /
Active Halt / Halt
Slow / Wait /
Active Halt / Halt
Slow / Wait /
Active Halt /
Halt(3)
3.
Exit from Active Halt mode available with external interrupts.
Slow / Wait /
Active Halt /
Halt(3)
Nested interrupts
Yes
MCC / RTC
Yes
Watchdog
Yes
16-bit timer
(OC / IC / PWM)
2 Timers (3/3/2)(4)
4.
The TAOC2HR and TAOC2LR registers are write only; reading them will return undefined values and
OCF2 flag in the TACSR register cannot be used (forced to ‘0’ by hardware).
2 Timers (3/3/2)
2 Timers (3/3/2)
2 Timers (3/3/2)
SPI
Yes
Yes
Yes
Yes
SCI
Yes
Yes
Yes
Yes
ADC
Yes
Yes
Yes(5)
5.
Improved ADC accuracy.
Yes(5)
LVD
Yes
No
Yes
Yes(6)
6.
For 8K and 16K devices, Readout Protection is not supported if LVD is enabled.
Emulator
ST7MDT20J-EMU3 and ST7MTD20-DVP3 (for Flash devices only)
Programming tools
ST7MDT20J-EPB and ST7MTD20-DVP3 (for Flash devices only)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com