Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2366 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2366
Description  This application note provides information
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2366 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2366 Datasheet HTML 1Page - STMicroelectronics AN2366 Datasheet HTML 2Page - STMicroelectronics AN2366 Datasheet HTML 3Page - STMicroelectronics AN2366 Datasheet HTML 4Page - STMicroelectronics AN2366 Datasheet HTML 5Page - STMicroelectronics AN2366 Datasheet HTML 6Page - STMicroelectronics AN2366 Datasheet HTML 7Page - STMicroelectronics AN2366 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Feature compatibility
AN2366
4/8
Doc ID 12345 Rev 2
2
Feature compatibility
2.1
VDD Rise time
Some timing differences exist between the products (see Table 3). The application must
ensure that the power supply ramps up within the time window specified for the
microcontroller if LVD is ON.
2.2
Asynchronous RESET pin
The VIL/VIH of RESET pin has been changed from 0.16VDD/0.85VDD to 0.3VDD/0.7VDD
respectively (see Table 4).
2.3
Oscillator pad
The ST72324B (32K Flash and ROM devices only) features a new oscillator pad which is
more tolerant of the crystal type and is not disturbed if the oscillator pins are left
unconnected. When migrating to these devices, the MCU needs to be validated with your
existing resonator / crystal.
Table 3.
VDD Rise time
Symbol
Description
Device
Conditions
Min
Max
VtPOR
VDD Rise time
ST72324
LVD on
6µs/V
Infinite ms/V
ST72324B (8K and 16K)
20ms/V
ST72324B (32K)
Infinite ms/V
ST72F324, ST72F324B
100ms/V
Table 4.
RESET pin characteristics
ST72F324, ST72324
ST72F324B, ST72324B
Min
Max
Min
Max
VIL
-0.16 x VDD
-0.3 x VDD
VIH
0.85 x VDD
-0.7 x VDD
-



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com