Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2372 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2372
Description  Low cost sinusoidal control of BLDC motors with Hall sensors using ST7FMC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2372 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2372 Datasheet HTML 4Page - STMicroelectronics AN2372 Datasheet HTML 5Page - STMicroelectronics AN2372 Datasheet HTML 6Page - STMicroelectronics AN2372 Datasheet HTML 7Page - STMicroelectronics AN2372 Datasheet HTML 8Page - STMicroelectronics AN2372 Datasheet HTML 9Page - STMicroelectronics AN2372 Datasheet HTML 10Page - STMicroelectronics AN2372 Datasheet HTML 11Page - STMicroelectronics AN2372 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Experimental implementation using ST7FMC
AN2372
8/13
Electrical speed
ω = 2π /(T
360)
Or,
ω = 2π /(6. T
60)
If only one Hall sensor is present, the captured period corresponds to 180°, and hence
ω = π / T
180
In the PLL method,
ω = k.Σ(θ
H - θ)
2.2
Current control
A conventional speed control loop sets current reference for an inner current loop. Though it
is very relevant for the overall control structure, it poses a few challenges. Since the phase
currents are sinusoidal, extracting a DC equivalent torque current requires at least two
phase currents and Park Clark transformations in the control loop. This needs two current
sensors and a high MIPS computing engine. Attempting to extract all three phase current-
related information from the DC link current requires additional timer hardware/logics and
CPU MIPS. These requirements are obviously complicated and expensive.
Figure 6.
Voltage foldback current limit control implementation using ST7FMC
Hence a cost effective voltage foldback current limit control is implemented that fits very well
with the ST7FMC architecture. The control block diagram is shown in Figure 6. ST7FMC
has an on-chip opamp and a comparator. This opamp promotes the use of a low value shunt
resistor whose weak output can be amplified, thereby minimizing its power dissipation. The
current signal from the opamp can be connected to the comparator whose output is tied to
an interrupt generator. If the applied motor voltage is high leading to heavy currents in the
DC link, such that the comparator detects over current condition, it generates an interrupt
where, in its interrupt subroutine, the applied voltage is decremented marginally by dV. If this
condition is continuously identified during succeeding PWM cycles, the applied voltage is
constantly decremented in each interrupt, until the peak current flowing through the DC link
is below the reference value. At this point, the motor operates at a voltage and speed
corresponding to current limit. Since the voltage magnitude is reduced instead of clipping
the on times of inverter switches, the motor currents continue to be sinusoidal. From a
control standpoint, current loop implementation is highly simplified and the PMSM motor is
controlled like a DC motor.
+
-
+
-
Ilimit
Idclink
Vm*
Vm’
Digital
translator
0
dV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com