Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2372 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2372
Description  Low cost sinusoidal control of BLDC motors with Hall sensors using ST7FMC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2372 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2372 Datasheet HTML 5Page - STMicroelectronics AN2372 Datasheet HTML 6Page - STMicroelectronics AN2372 Datasheet HTML 7Page - STMicroelectronics AN2372 Datasheet HTML 8Page - STMicroelectronics AN2372 Datasheet HTML 9Page - STMicroelectronics AN2372 Datasheet HTML 10Page - STMicroelectronics AN2372 Datasheet HTML 11Page - STMicroelectronics AN2372 Datasheet HTML 12Page - STMicroelectronics AN2372 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN2372
Test procedure
11/13
Appendix B
Test procedure
The software attached with this application note can be downloaded and tested on the
ST7FMC starter kit. The test procedure is as follows:
1.
Configure the jumpers for sensored BLDC mode.
2.
Set W12 to FIXED
3.
POT1 sets the current reference. Set it to a middle position
4.
RV1 sets magnitude reference for sine output. Set to zero (CCW)
5.
RV2 sets load angle. Set to mid position (0°). Turning CW increases the load angle and
CCW takes it negative (max / min is +/-90°)
6.
Yellow button SW1 is the ON/OFF switch. Press it to turn ON.
7.
Turn RV1 CW and motor starts running
8.
Change POT1, RV1 and RV2 for experimenting with current limit, sine magnitude and
load angle
9.
Pressing SW1 again turns off the motor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com