| Electronic Components Datasheet Search |
|
AN2441 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
AN2441 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 14 page ![]() April 2007 Rev 1 1/14 AN2441 Application note Low cost effective oscillator for STR71x MCUs Introduction The STR71x 32-bit MCU family from STMicroelectronics runs with an external oscillator which is connected to the CK pin. A straightforward solution for the external oscillator is to purchase an oscillator chip which fits the application requirements. However, this solution is normally costly. This application note gives the user a low cost oscillator solution with discrete components and based on a resonator or quartz. Resonators have shorter start-up time compared to crystals but they have less frequency accuracy. Depending on the application requirements, users can choose between short start-up time and frequency accuracy. In this application note, a quartz crystal is used in the oscillator circuitry. There are two primary quartz-controlled oscillators circuitries. Such circuitries are generally described by the type of crystal unit used: ■ Series resonant oscillator (when a series resonant quartz crystal is used) ■ parallel resonant oscillator (when a parallel resonant quartz crystal is used). The advantages of the second solution are low cost and low power consumption. The aim of this application note is to provide a methodology to design an oscillator solution based on a quartz crystal operating in parallel resonance mode for the STR71x. This document is split into two main sections. The first provides a brief description of both oscillator theory and the quartz characteristics while the second proposes an oscillator design and details the related components selection. www.st.com |
Similar Part No. - AN2441 |
|
Similar Description - AN2441 |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |