Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2441 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2441
Description  Low cost effective oscillator for STR71x MCUs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2441 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2441 Datasheet HTML 6Page - STMicroelectronics AN2441 Datasheet HTML 7Page - STMicroelectronics AN2441 Datasheet HTML 8Page - STMicroelectronics AN2441 Datasheet HTML 9Page - STMicroelectronics AN2441 Datasheet HTML 10Page - STMicroelectronics AN2441 Datasheet HTML 11Page - STMicroelectronics AN2441 Datasheet HTML 12Page - STMicroelectronics AN2441 Datasheet HTML 13Page - STMicroelectronics AN2441 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
16-MHz oscillator example
AN2441
10/14
4
16-MHz oscillator example
In this section, the steps and guidelines described in the previous section are put into
practice in order to design a 16-MHz oscillator.
The first step concerns the discrete components selection:
●
The STMicroelectronics non-buffered inverter 741VGU04STR operating with VDD =
3.3 is selected for this application. In order to make the inverter act as an amplifier, a
2M
Ω resistor is put between its input and output pads (Rf = 2M)
●
The 16-Mhz quartz CQ is selected. C1 and C2 are selected according to the Quartz
specification. According to the quartz characteristics, a loading capacitor of 20pF
makes the quartz operate at its16 MHz parallel frequency. Theoretically, if we consider
an 8pF stray capacitance, C1 and C2 are calculated using the formula on Section 3.2
on page 8.
C1 = C2 = 24pF.
The standard value of 22pF is taken for both C1 and C2.
After soldering these components without the Rs resistor, the oscillator output signal is
captured in the following figure.
The signal obtained is not symmetric. Therefore, an Rs resistor is put between the inverter
output and the quartz. To start, a potentiometer is put between these two nodes and with a
variable Rs resistor, the following signal is obtained for Rs = 1 K
Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com