Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2446 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2446
Description  STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2446 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2446 Datasheet HTML 1Page - STMicroelectronics AN2446 Datasheet HTML 2Page - STMicroelectronics AN2446 Datasheet HTML 3Page - STMicroelectronics AN2446 Datasheet HTML 4Page - STMicroelectronics AN2446 Datasheet HTML 5Page - STMicroelectronics AN2446 Datasheet HTML 6Page - STMicroelectronics AN2446 Datasheet HTML 7Page - STMicroelectronics AN2446 Datasheet HTML 8Page - STMicroelectronics AN2446 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2007
Rev 1
1/13
AN2446
Application note
STEVAL-IHT002V1
Intelligent thermostat for compressor based on ST7Ultralite MCU
Introduction
The STEVAL-IHT002V1 is a very low-cost evaluation board designed with the intent to
replace the existing mechanical thermostat.
While driving a compressor, the evaluation board is able to drive the RUN winding, replace
the PTC and drive directly the START winding too. Stall rotor detection is also implemented.
Both functions are oriented to reduce the total power consumption.
The evaluation board is based on the new low-cost, 8-pin, 8-bit ST7Ultralite microcontroller
(MCU), which controls the entire process. The MCU is equipped with a programmable Flash
memory, 1 MHz internal clock source and runs 1 KByte C-based software.
Even if the evaluation board is especially designed for driving small-size or mid-size
compressors, it is fully customizable and adaptable to any other application where
thermostat or temperature control is required.
An STMicroelectronics Patent Application is pending for the compressor control device and
the method for controlling a compressor described in this document.
This document provides a complete description on how to customize the evaluation board.
STEVAL-IHT002V1 evaluation board
www.st.com


Similar Part No. - AN2446

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2440 STMICROELECTRONICS-AN2440 Datasheet
246Kb / 13P
The Error Code Correction
15-Jan-2013
AN2441 STMICROELECTRONICS-AN2441 Datasheet
242Kb / 14P
Low cost effective oscillator for STR71x MCUs
02-Apr-2007
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN2443 STMICROELECTRONICS-AN2443 Datasheet
471Kb / 15P
PLC actuator high-side driver solution with CMOS interface
14-Dec-2006
AN2448 STMICROELECTRONICS-AN2448 Datasheet
1Mb / 21P
This document describes a low power adapter that can be used in travel battery charger applications
04-Jul-2007
More results

Similar Description - AN2446

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-IFV002V1 STMICROELECTRONICS-STEVAL-IFV002V1 Datasheet
156Kb / 6P
STEVAL-IFV002V1 IPCAM extension board based on the STM32F107VC
22-Sep-2010
logo
International Rectifier
IRAM630-1562F IRF-IRAM630-1562F Datasheet
617Kb / 19P
Intelligent Power Module for Energy Efficient Compressor Applications
logo
STMicroelectronics
UM0984 STMICROELECTRONICS-UM0984 Datasheet
1Mb / 25P
STEVAL-ISA081V1 demonstration board based
08-Jun-2012
AN3961 STMICROELECTRONICS-AN3961 Datasheet
2Mb / 46P
STEVAL-IME003V1 demonstration board based on the STHV748 ultrasound pulser
29-Apr-2014
UM0277 STMICROELECTRONICS-UM0277 Datasheet
1Mb / 32P
Getting started with the Cold Thermostat Kit based on AC switches and ST7LITE MCU
28-Aug-2006
AN4471 STMICROELECTRONICS-AN4471 Datasheet
1Mb / 39P
STEVAL-IME009V1 evaluation board based on the STHV800 high voltage pulser
22-Oct-2014
AN4472 STMICROELECTRONICS-AN4472 Datasheet
6Mb / 44P
STEVAL-IME008V1 evaluation board based on the STHV749 transmission pulser
10-Dec-2014
STEVAL-IHT001V1 STMICROELECTRONICS-STEVAL-IHT001V1 Datasheet
116Kb / 4P
Thermostat control demonstration board for refrigerators, based on the ST7Lite39
September 2010 Rev 1
UM0727 STMICROELECTRONICS-UM0727 Datasheet
1,015Kb / 18P
STEVAL-ISA018V1 demonstration board based on resonant half-bridge SMPS for industrial applications
18-May-2010
UM1694 STMICROELECTRONICS-UM1694 Datasheet
2Mb / 30P
STEVAL-ILH007V1: 150W HID digital ballast based on STLUX385A
12-Jun-2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com