Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2446 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2446
Description  STEVAL-IHT002V1 Intelligent thermostat for compressor based on ST7Ultralite MCU
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2446 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2446 Datasheet HTML 5Page - STMicroelectronics AN2446 Datasheet HTML 6Page - STMicroelectronics AN2446 Datasheet HTML 7Page - STMicroelectronics AN2446 Datasheet HTML 8Page - STMicroelectronics AN2446 Datasheet HTML 9Page - STMicroelectronics AN2446 Datasheet HTML 10Page - STMicroelectronics AN2446 Datasheet HTML 11Page - STMicroelectronics AN2446 Datasheet HTML 12Page - STMicroelectronics AN2446 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Customization: software and hardware modifications
AN2446
10/13
The constant to be modified is named Dead_Time_Period, defined in the main() routine,
where the defines are declared. The value is expressed in tens of milliseconds.
A value of 10000 means 100000 milliseconds, or 100 seconds, or 1 minute and 40 seconds.
Default value: 12000 (possible range: 0 to 65535).
5.5
Gate pulse duration
The gate pulses are applied to the AC switches, which in turn drive the RUN winding and the
START winding of the compressor. The gate pulse applied to the RUN winding has the
same duration of the one applied to the START winding.
The gate pulses are applied when the mains voltage crosses the zero. Therefore, twice per
period.
The constant to be modified is named DURATION, defined in the ports() routine, where
the defines are declared. One point is equal to 400 µs.
A value of 10 means 4000 µs, or 4 ms, or an angle of 72°. Since half of a period is 10 ms
(mains frequency 50 Hz), care has to be taken while changing this constant.
Default value: 17 (possible range: 0 to 255, in any case do not exceed 25).
5.6
Disabling the stall rotor detection
Basically, the stall rotor detection reduces the power consumption when attempting to turn
on a stalled compressor, also keeping the AC switch from getting damaged.
In any case, when testing a small compressor (meaning 1 A nominal current and 5A when in
stall condition), the stall rotor detection can be disabled without damaging the AC switch.
No software modification is required. Simply unsolder the R13 temperature sensor and
replace it with a 100 K
Ω 5% ¼ W resistor.
5.7
Different START winding management
The evaluation board drives directly the START winding avoiding the use of the PTC.
If the PTC cannot be removed from the original circuitry, the AC switch will simply switch the
PTC off after the compressor is spinning.
The PTC can drive the START winding without using the AC switch too. In this case, the
evaluation board will drive the RUN winding only. No hardware or software modifications are
required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com