Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2483 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2483
Description  Video signal standards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2483 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2483 Datasheet HTML 1Page - STMicroelectronics AN2483 Datasheet HTML 2Page - STMicroelectronics AN2483 Datasheet HTML 3Page - STMicroelectronics AN2483 Datasheet HTML 4Page - STMicroelectronics AN2483 Datasheet HTML 5Page - STMicroelectronics AN2483 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AN2483
Video signal standards
3/6
1
Video signal standards
The visual resolution of a video signal or display is the amount of detail that can be seen.
This is different from the resolution format of a signal or display. For example, in a computer
application, an XGA (seeTable 1) resolution has a format resolution of 1024 horizontal pixels
and 768 vertical pixels (lines), and is the implied visual resolution.
There are many different kinds of video signals, which can be divided into either television or
computer types. The format of signals varies from country to country. In the United States
and Japan, the NTSC format is used. HDTV/SDTV are the High Definition TV and Standard
Definition TV. VGA and XGA are PC video resolutions. In Europe, the PAL format is
common. PAL stands for Phase Alternating Line. PAL is an improvement on NTSC format.
SECAM is used in France and stands for sequential coleur avec memoire (with memory).
Although all the above standards use the same basic scanning system and represent colour
with a type of phase modulation, they differ in several ways, including specific scanning
frequencies, number of scan lines, and colour modulation techniques.
The three basic video signal formats in order of decreasing quality are:
1.
Composite or CVBS Interface(Colour, Video, Blanking, and Synchronization/also called
Composite Video Baseband Signal), which uses one wire pair.
2.
Y/C or S-video Interface, which uses two wire pairs.
3.
Component Interface, which uses three wire pairs. In order of increasing quality, the
composite (or CVBS) which uses one wire pair;
In order of increasing quality, the composite (or CVBS) which uses one wire pair; Y/C (or
Svideo), which uses 2 wire pairs; and component, which uses 3 wire pairs are the 3 basic
video signal formats. Each wire pair consists of a signal and ground. The three Interfaces
differ in the level of information they can combine (encode). More encoding typically
degrades the quality but allows the signal to be carried on fewer wires. Component has the
least amount of encoding, whilst composite has the most.
Table 1.
Video signal comparison
Video format
NTSC
PAL
HDTV/SDTV
VGA
XGA
Description
Television format for
North America and
Japan
Television format for
most of Europe and
South America
High definition TV
/standard definition
TV
PC video
resolutions
PC video
resolutions
Vertical resolution
format (visible
lines/frame)
Approx 480 (525
total lines)
Approx 575 (625
total lines)
1080 or 720 or 480;
18 different formats
480
768
Horizontal
resolution format
(visible pixels/line)
Determined by
bandwidth, ranges
from 320 to 650
Determined by
bandwidth, ranges
from 320 to 720
1920 or 704 or 640;
18 different formats
640
1024
Horizontal rate
(KHz)
15.734
15.625
33.75-45
31.5
60
Vertical frame
rate(Hz)
29.97
25
30-60
60-80
60-80
Highest frequency
(MHz)
4.2
5.5
25
15.3
40.7



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com