Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2483 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2483
Description  Video signal standards
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2483 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2483 Datasheet HTML 1Page - STMicroelectronics AN2483 Datasheet HTML 2Page - STMicroelectronics AN2483 Datasheet HTML 3Page - STMicroelectronics AN2483 Datasheet HTML 4Page - STMicroelectronics AN2483 Datasheet HTML 5Page - STMicroelectronics AN2483 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Video signal standards
AN2483
4/6
1.1
Composite/CVBS Interface
Composite video signals, which are also referred to as CVBS, are the most commonly used
analog video Interface. They combine brightness information (luma), colour information
(chroma), and synchronizing signals on just one cable. The connector is typically an RCA
jack.
Note:
brightness information in the signal is the instantaneous amplitude at any point in time. The
amplitude of the modulation is proportional to the amount of colour.
1.2
Y/C Interface
Y/C signals, which are often referred to as 'S-video' signals are less encoded than those of
Composite signals. The Y signal represents brightness and the C signal represents color. .
They are both carried over 2 separate wire pairs.
1.3
Computer signal Interfaces
Virtually all computer Interfaces use RGB format signals. Picture information is carried
separately by the three base components Red, Green and Blue. Synchronizing information
is typically carried as separate horizontal (H) and vertical (V) signals. The five signals, R, G,
B, H and V, are carried on one cable consisting of a shielded bundle of wires. Sometimes
the H and V synchronizes information is merged with one of the RGB signals, typically the
Green component, but this is becoming less common. This is referred to as "sync-on-
Green". In rarer cases, the sync information is on the Red or the Blue signal.
1.4
Component Interface
The component signal Interface is the best performer as it contains the least encoding. The
signals exist in a nearly native format. They use three pairs of wires that typically include a
luma (Y) and two color-difference format signals on an RGB format signal. Color-difference
formats are normally used in TV applications, whereas an RGB format is almost always
used in computer applications. In addition to the brightness, the Y signal also contains
synchronizing information. The color-difference signals contain R (Red) minus the Y signal
and B (Blue) minus the Y signal. The theory behind this combination is that each of the
basic R, G and B components can be derived from the color-difference signals. Common
variations of color-difference signals include:
●
Y, B-Y, R-Y: Luma and colour-difference signals
●
Y, Pr, Pb: Pr and Pb are scaled versions of B-Y and R-Y. Commonly found in high end
consumer equipment.
●
Y, Cr, Cb: Digital-signal equivalent to Y, Pr and Pb.
●
Y, U, V: Not an Interface standard. These are intermediate, quadrature signals used in
the formation of composite and Y/C signals. Sometimes, they are incorrectly referred to
as "component Interface".



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com