Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2551 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2551
Description  Configuring the STR91xFA MCU for optimum CPU performance
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2551 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2551 Datasheet HTML 1Page - STMicroelectronics AN2551 Datasheet HTML 2Page - STMicroelectronics AN2551 Datasheet HTML 3Page - STMicroelectronics AN2551 Datasheet HTML 4Page - STMicroelectronics AN2551 Datasheet HTML 5Page - STMicroelectronics AN2551 Datasheet HTML 6Page - STMicroelectronics AN2551 Datasheet HTML 7Page - STMicroelectronics AN2551 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
May 2007
Rev 1
1/8
AN2551
Application note
Configuring the STR91xFA MCU for optimum
CPU performance
Introduction
The STR91xFA series of Flash MCUs is based on an ARM966E CPU core which executes
code directly from its internal Flash memory at a rate of up to 96 MHz. To allow flexibility for
a variety of applications and power management schemes, there are many configuration
settings available to firmware during the initialization of the STR91xFA at start-up. This
application note outlines the necessary steps to ensure the STR91xFA is configured for
optimum performance for those applications which require the STR91xFA to operate at full
speed and deliver the highest performance from the CPU core and highest bandwidth of
data movement.
The related software is packed into a zip file associated with this application note and
available from http://www.st.com/.
www.st.com


Similar Part No. - AN2551

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2555 STMICROELECTRONICS-AN2555 Datasheet
475Kb / 33P
Porting an application from the ST10F269Zx to the ST10F276Z5
06-Jul-2007
AN2556 STMICROELECTRONICS-AN2556 Datasheet
455Kb / 35P
Porting an application from the ST10F269Zx to the ST10F273Z4
06-Jul-2007
AN2559 STMICROELECTRONICS-AN2559 Datasheet
997Kb / 35P
System power supply board for digital solutions
25-Sep-2007
More results

Similar Description - AN2551

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F56108VNFP RENESAS-R5F56108VNFP Datasheet
1Mb / 85P
The RX610 Group is an MCU with the high-speed, high-performance RX CPU as its core.
logo
STMicroelectronics
AN2442 STMICROELECTRONICS-AN2442 Datasheet
227Kb / 22P
Using the STR91xFA DMA controller
02-Jun-2008
AN2647 STMICROELECTRONICS-AN2647 Datasheet
480Kb / 34P
Using the STR91xFA external memory interface
13-Dec-2007
AN3100 STMICROELECTRONICS-AN3100 Datasheet
308Kb / 24P
Configuring the SPEAr3xx multi-port memory controller
12-Mar-2012
AN3132 STMICROELECTRONICS-AN3132 Datasheet
314Kb / 24P
Configuring the SPEAr600
06-Jan-2010
logo
Laird Tech Smart Techno...
CANMSNM LSTD-CANMSNM Datasheet
284Kb / 1P
Excellent PIM rating for optimum system performance
logo
AVAGO TECHNOLOGIES LIMI...
ADNS-5060 AVAGO-ADNS-5060 Datasheet
2Mb / 41P
Self-adjusting frame rate for optimum performance
logo
Delta Electronics, Inc.
FHS-A9015S00 DELTA-FHS-A9015S00 Datasheet
5Mb / 78P
Thermal performance for 45 W CPU
logo
PHOENIX CONTACT
1836450 PHOENIX-1836450 Datasheet
85Kb / 3P
Closed contour for optimum stability of the plug-in connection
1837336 PHOENIX-1837336 Datasheet
91Kb / 3P
Closed contour for optimum stability of the plug-in connection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com