Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2556 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2556
Description  Porting an application from the ST10F269Zx to the ST10F273Z4
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2556 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2556 Datasheet HTML 2Page - STMicroelectronics AN2556 Datasheet HTML 3Page - STMicroelectronics AN2556 Datasheet HTML 4Page - STMicroelectronics AN2556 Datasheet HTML 5Page - STMicroelectronics AN2556 Datasheet HTML 6Page - STMicroelectronics AN2556 Datasheet HTML 7Page - STMicroelectronics AN2556 Datasheet HTML 8Page - STMicroelectronics AN2556 Datasheet HTML 9Page - STMicroelectronics AN2556 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Modified features
AN2556
6/35
1.1.3
Pin 56
In the ST10F269Zx, a decoupling capacitor of 330nF minimum has to be connected
between pin 56 (named DC1) and the nearest VSS pin.
In the ST10F273Z4, pin 56 is named V18 and a capacitor with a value between 10nF
minimum and 100nF maximum must be connected between it and the nearest VSS pin.
Hardware impacts
The capacitor value may need to be changed. As the value is much lower, the footprint of
the capacitor might be smaller and thus a modification of the PCB may be needed.
Software impacts
None.
1.1.4
Pin 99
In the ST10F269Zx, pin 99 is named EA and when it is reset it is used to select the start
from internal Flash or external memory.
Pin 99 now has an additional function in the ST10F273Z4 which is to provide the 5V power
supply to the device in standby mode (new power saving mode). It is therefore named EA-
VSTBY.
Hardware impacts
Modification depends on the previous use of the ST10F269Zx and on the use or non-use of
Standby mode.
For an application that does not use Standby mode, no change is required on the PCB. If the
new application uses the Standby mode, the EA-VSTBY pin must be separated from the
common 5V and have a specific supply path.
Software impacts
None.
1.1.5
Pins 143 and 144
These pins are a VSS-VDD pair in the ST10F269Zx. In the ST10F273Z4, they are now used
as an XTAL3-XTAL4 pair for connection to an optional 32 kHz crystal to clock the Real Time
Clock during Power-Down.
Hardware impacts
The PCB must be redesigned.
In case the optional 32 kHz is not used:
●
XTAL3 must be linked to Ground as was previously the case for ST10F269Zx.
●
XTAL4 can be left open or it may be connected to Ground via a capacitor to reduce the
potential effect of RF noise which could be propagated inside the device if it is left
floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com