Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2595 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 4Page - STMicroelectronics AN2595 Datasheet HTML 5Page - STMicroelectronics AN2595 Datasheet HTML 6Page - STMicroelectronics AN2595 Datasheet HTML 7Page - STMicroelectronics AN2595 Datasheet HTML 8Page - STMicroelectronics AN2595 Datasheet HTML 9Page - STMicroelectronics AN2595 Datasheet HTML 10Page - STMicroelectronics AN2595 Datasheet HTML 11Page - STMicroelectronics AN2595 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Oscillator
AN2595 - Application note
8/20
1.3
PCB layout for ST10F27x oscillator
The following Figure 2 shows the proposed layout for the ST10F27xZx oscillator.
Figure 2.
Example of layout for external crystal
1.4
Oscillator and EMC
The ST10F27xZx oscillator has an integrated gain control to minimize EMC and power
consumption. However, this does not prevent users from observing / respecting the following
rules / recommendations:
●
Avoid other high frequency signals near the oscillator circuitry. These can influence the
oscillator.
●
Lay out/configure the ground supply on the basis of low impedance.
●
Shield the crystal with an additional ground plane underneath the crystal.
●
Do not lay out sensitive signals near the oscillator. Analyze cross-talk between different
layers.
●
The VSS pin close to the XTAL pins must be connected to the ground plane and
decoupled to the closest VDD pin.
●
Capacitors are placed at both ends of the crystal, directly connected to the ground
plane while keeping the overall loop as small as possible.
●
The crystal package, when metallic, is directly connected to the ground.
1.5
32 kHz oscillator
The same recommendations are valid for the 32 kHz oscillator. In any case, when the
32 kHz oscillator amplifier is not used, to avoid spurious consumption, XTAL3 must be tied
to ground while XTAL4 is left open. Moreover, bit OFF32 in the RTCCON register should be
set. The 32 kHz oscillator can only be driven by an external crystal and not by a different
clock source.
ST10F27x
Decoupling capacitor
C2
C1
Vias to GND
Vias to GND
Crystal
Ground plate
CD
Vias to VDD
VDD
VSS
XTAL1
XTAL2
Crystal package
soldered to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com