Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2595 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2595
Description  Designing an application with the ST10F27xZx devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2595 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2595 Datasheet HTML 5Page - STMicroelectronics AN2595 Datasheet HTML 6Page - STMicroelectronics AN2595 Datasheet HTML 7Page - STMicroelectronics AN2595 Datasheet HTML 8Page - STMicroelectronics AN2595 Datasheet HTML 9Page - STMicroelectronics AN2595 Datasheet HTML 10Page - STMicroelectronics AN2595 Datasheet HTML 11Page - STMicroelectronics AN2595 Datasheet HTML 12Page - STMicroelectronics AN2595 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AN2595 - Application note
Port0 startup configuration
9/20
2
Port0 startup configuration
A reset sequence may be triggered for the following reasons:
●
Hardware reset signal on pin RSTIN (hardware reset input)
●
Execution of the software reset instruction SRST
●
Overflow of the Watchdog Timer
After recognition of a reset, the ST10F27xZx proceeds with the actions listed below:
●
Complete internal RAM write operation before the internal reset procedure begins
●
Cancel pending internal hold states
●
Abort external memory access cycles
●
Start program execution from memory location 0000h in code segment 0
Note:
Please refer to the datasheet and user’s manual for reset event definitions.
2.1
Port0
Pull-down resistors
Pull-down resistors should be low enough so that the input voltage in P0.x is within the
circuit specification when taking into account the circuit pull-up current (see PORT0
configuration current for Vin =VILmax) and other leakage currents from external circuits
connected to PORT0 pins.
Rpd < (VILmax)/ (I POl + I other circuits)
Recommended maximum value: Rpd = 8 KΩ; commonly used values, although larger than
the calculated result, are 10 K
Ω.
Pull-up resistors
PORT0 supplies internal pull-up resistors that are active during Reset. Pull-up resistors
should be low enough so that the input voltage in P0.x is within the circuit specification when
taking into account the circuit pull-up current (see PORT0 configuration current for Vin =
VIHmin) and other leakage currents from external circuits connected to PORT0 pins. For
worst case evaluation, leakage current from other external circuits should always be added
to circuit leakage current.
Rpu < (Vddmin - VIHmin)/ (I other circuits - IPOh)
No external pull-up resistor is necessary if Iother circuits < IPOH.
Table 2 presents the clock options on PORT0 P0H5 - P0H7 for devices with low power
oscillator.
Table 3 presents the clock options on PORT0 P0H5 - P0H7 for devices with wide-swing
oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com