Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN2639 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2639
Description  Soldering recommendations and package information for Lead-free ECOPACK microcontrollers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2639 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2639 Datasheet HTML 1Page - STMicroelectronics AN2639 Datasheet HTML 2Page - STMicroelectronics AN2639 Datasheet HTML 3Page - STMicroelectronics AN2639 Datasheet HTML 4Page - STMicroelectronics AN2639 Datasheet HTML 5Page - STMicroelectronics AN2639 Datasheet HTML 6Page - STMicroelectronics AN2639 Datasheet HTML 7Page - STMicroelectronics AN2639 Datasheet HTML 8Page - STMicroelectronics AN2639 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Microcontroller packages
AN2639
4/15
DocID14016 Rev 4
2
Microcontroller packages
The different packages available at STMicroelectronics for microcontrollers are described
Table 1.
Through hole technology (THT) and Surface mount technology (SMT) imply different
soldering technologies leading to different constraints.
In THT, the package body is exposed to relatively low temperatures (< 150 °C) because the
lead extremities are only dipped in the soldering alloy, whereas in SMT the whole package
body is exposed to a very high temperature (> 240 °C) during reflow soldering process.
In addition, molding compounds used for integrated circuit encapsulation absorb moisture
from the ambient medium. During rapid heating in solder reflow process (see Section 4:
Soldering for more details), this absorbed moisture can vaporize, generating pressure at
lead frame pad / silicon to plastic interfaces in the package, with a risk of package cracking
and potential degradation of device reliability.
Table 1. Microcontroller package types(1)
1. Larger package portfolio can be proposed upon request.
Surface mount technology
Through hole technology
Package
Pin count
Package
Pin count
SON
8,16
PDIP .3
8, 16, 20
SOW
16, 20, 24, 28, 34 Shrink
PDIP .4
32S
PLCC
44, 520
PDIP .6
28, 42S, 56S
PQFP
44, 52, 80, 100, 144, 208
LQFP
Up to 208
LFBGA, UFBGA,
TFBGA
Up to 216
PBGA
Up to 480
TSSOP
20
VFQFPN,
UFQFPN
8, 20, 24, 28, 32, 36, 40, 48, 64
WLCSP
Up to 143



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com